Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 137 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 137 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 133Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 134Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 135Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 136Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 137Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 138Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 139Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 140Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 141Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
136
March 06 , 2012
Rev. 1.50
137
March 06 , 2012
●
TM1AH Register - 10-bit ETM
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit 7~2
Unimplemented, read as "0"
Bit 1~0
TM1AH: TM1 CCRA High Byte Register bit 1~bit 0
TM1 10-bit CCRA bit 9~bit 8
●
TM1BL Register - 10-bit ETM
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7 ~ 0
TM1BL: TM1 CCRB Low Byte Register bit 7~bit 0
TM1 10-bit CCRB bit 7~bit 0
●
TM1BH Register - 10-bit ETM
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
—
—
D9
D8
R/W
—
—
—
—
—
—
R/W
R/W
POR
—
—
—
—
—
—
0
0
Bit 7~2
Unimplemented, read as "0"
Bit 1~0
TM1BH: TM1 CCRB High Byte Register bit 1~bit 0
TM1 10-bit CCRB bit 9 ~ bit 8
Enhanced Type TM Operating Modes
The Enhanced Type TM can operate in one of five operating modes, Compare Match Output Mode,
PWM Output Mode, Single Pulse Output Mode, Capture Input Mode or Timer/Counter Mode. The
operating mode is selected using the TnAM1 and TnAM0 bits in the TMnC1, and the TnBM1 and
TnBM0 bits in the TMnC2 register.
ETM Operating Mode
CCRA
Compare
Match Output
Mode
CCRA Timer/
Counter Mode
CCRB PWM
Output Mode
CCRB Single
Pulse Output
Mode
CCRB Input
Capture Mode
CCRB Compare Match
Output Mode
√
—
—
—
—
CCRB Timer/Counter Mode
—
√
—
—
—
CCRB PWM Output Mode
—
—
√
—
—
CCRB Single Pulse Output
Mode
—
—
—
√
—
CCRB Input Capture Mode
—
—
—
—
√
“√”: permitted
“—”: not permitted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com