| Electronic Components Datasheet Search |
|
HT67F40 Datasheet(PDF) 148 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F40 Datasheet(HTML) 148 Page - Holtek Semiconductor Inc |
|
148 / 242 page ![]() Rev. 1.50 148 March 06 , 2012 Rev. 1.50 149 March 06 , 2012 HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO Analog to Digital Converter The need to interface to real world analog signals is a common requirement for many electronic systems. However, to properly process these signals by a microcontroller, they must first be converted into digital signals by A/D converters. By integrating the A/D conversion electronic circuitry into the microcontroller, the need for external components is reduced significantly with the corresponding follow-on benefits of lower costs and reduced component space requirements. A/D Overview The devices contains a multi-channel analog to digital converter which can directly interface to external analog signals, such as that from sensors or other control signals and convert these signals directly into either a 12-bit digital value. Part No. Input Channels A/D Channel Select Bits Input Pins HT67F30 HT67F40 HT67F50 8 ACS4, ACS2~ACS0 AN0~AN7 HT67F60 12 ACS4, ACS3~ACS0 AN0~AN11 The accompanying block diagram shows the overall internal structure of the A/D converter, together with its associated registers. A/D Converter Register Description Overall operation of the A/D converter is controlled using six registers. A read only register pair exists to store the ADC data 12-bit value. The remaining three or four registers are control registers which setup the operating and control function of the A/D converter. Register Name Bit 7 6 5 4 3 2 1 0 ADRL(ADRFS=0) D3 D2 D1 D0 — — — — ADRL(ADRFS=1) D7 D6 D5 D4 D3 D2 D1 D0 ADRH(ADRFS=0) D11 D10 D9 D8 D7 D6 D5 D4 ADRH(ADRFS=1) — — — — D11 D10 D9 D8 ADCR0 START EOCB ADOFF ADRFS — ACS2 ACS1 ACS0 ADCR1 ACS4 V125EN — VREFS — ADCK2 ADCK1 ADCK0 ACERL ACE7 ACE6 ACE5 ACE4 ACE3 ACE2 ACE1 ACE0 HT67F30/HT67F40/HT67F50 A/D Converter Register List Register Name Bit 7 6 5 4 3 2 1 0 ADRL(ADRFS=0) D3 D2 D1 D0 — — — — ADRL(ADRFS=1) D7 D6 D5 D4 D3 D2 D1 D0 ADRH(ADRFS=0) D11 D10 D9 D8 D7 D6 D5 D4 ADRH(ADRFS=1) — — — — D11 D10 D9 D8 ADCR0 START EOCB ADOFF ADRFS ACS3 ACS2 ACS1 ACS0 ADCR1 ACS4 V125EN — VREFS — ADCK2 ADCK1 ADCK0 ACERL ACE7 ACE6 ACE5 ACE4 ACE3 ACE2 ACE1 ACE0 ACERH — — — — ACE11 ACE10 ACE9 ACE8 HT67F60 A/D Converter Register List |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |