Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 152 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 152 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 148Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 149Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 150Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 151Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 152Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 153Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 154Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 155Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 156Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 242 page
background image
Rev. 1.50
152
March 06 , 2012
Rev. 1.50
153
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
ADCR1 Register
Bit
7
6
5
4
3
2
1
0
Name
ACS4
V125EN
—
VREFS
—
ADCK2
ADCK1
ADCK0
R/W
R/W
R/W
—
R/W
—
R/W
R/W
R/W
POR
0
0
—
0
—
0
0
0
Bit 7
ACS4: Selecte Internal 1.25V as ADC input Control
0: Disable
1: Enable
This bit enables 1.25V to be connected to the A/D converter. The V125EN bit must
first have been set to enable the bandgap circuit 1.25V voltage to be used by the A/D
converter. When the ACS4 bit is set high, the bandgap 1.25V voltage will be routed to
the A/D converter and the other A/D input channels disconnected.
Bit 6
V125EN: Internal 1.25V Control
0: Disable
1: Enable
This bit controls the internal Bandgap circuit on/off function to the A/D converter.
When the bit is set high the bandgap voltage 1.25V can be used by the A/D converter.
If 1.25V is not used by the A/D converter and the LVR/LVD function is disabled then
the bandgap reference circuit will be automatically switched off to conserve power.
When 1.25V is switched on for use by the A/D converter, a time tBG should be allowed
for the bandgap circuit to stabilise before implementing an A/D conversion.
Bit 5
unimplemented, read as "0"
Bit 4
VREFS: Selecte ADC reference voltage
0: Internal ADC power
1: VREF pin
This bit is used to select the reference voltage for the A/D converter. If the bit is high,
then the A/D converter reference voltage is supplied on the external VREF pin. If the
pin is low, then the internal reference is used which is taken from the power supply pin
VDD.
Bit 3
unimplemented, read as "0"
Bit 2~0
ADCK2, ADCK1, ADCK0: Select ADC clock source
000: fSYS
001: fSYS/2
010: fSYS/4
011: fSYS/8
100: fSYS/16
101: fSYS/32
110: fSYS/64
111: Undefined
These three bits are used to select the clock source for the A/D converter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com