Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 155 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 155 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 151Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 152Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 153Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 154Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 155Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 156Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 157Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 158Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 159Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
154
March 06 , 2012
Rev. 1.50
155
March 06 , 2012
The reference voltage supply to the A/D Converter can be supplied from either the positive power
supply pin, VDD, or from an external reference sources supplied on pin VREF. The desired selection
is made using the VREFS bit. As the VREF pin is pin-shared with other functions, when the VREFS
bit is set high, the VREF pin function will be selected and the other pin functions will be disabled
automatically.
A/D Input Pins
All of the A/D analog input pins are pin-shared with the I/O pins on Port A, PH0~PH3 as well as
other functions. The ACE11~ ACE0 bits in the ACERH and ACERL registers, determine whether
the input pins are setup as A/D converter analog inputs or whether they have other functions. If the
ACE11~ ACE0 bits for its corresponding pin is set high then the pin will be setup to be an A/D
converter input and the original pin functions disabled. In this way, pins can be changed under
program control to change their function between A/D inputs and other functions. All pull-high
resistors, which are setup through register programming, will be automatically disconnected if the
pins are setup as A/D inputs. Note that it is not necessary to first setup the A/D pin as an input in the
PAC or PHC port control register to enable the A/D input as when the ACE11~ ACE0 bits enable an
A/D input, the status of the port control register will be overridden.
The A/D converter has its own reference voltage pin, VREF, however the reference voltage can also
be supplied from the power supply pin, a choice which is made through the VREFS bit in the
ADCR1 register. The analog input values must not be allowed to exceed the value of VREF.
PA 0/ AN 0
PH 3/ AN 11
1. 25 V
V 125E N
Bu ffe r
PB 5/ VR EF
VD D
VR EF S
V RE F
12- bi t A DC
B andgap
Re fe r enc e
Vo lt ag e
I npu t V ol ta g e
AC S4 ~A CS 0
A/D Input Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com