Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 159 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 159 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 155Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 156Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 157Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 158Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 159Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 160Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 161Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 162Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 163Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 159 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
158
March 06 , 2012
Rev. 1.50
159
March 06 , 2012
Comparators
Two independent analog comparators are contained within these devices. These functions offer
flexibility via their register controlled features such as power-down, polarity select, hysteresis etc. In
sharing their pins with normal I/O pins the comparators do not waste precious I/O pins if there
functions are otherwise unused.
Cn +
Cn -
Cn PO L
Cn OU T
Cn X
Cn SE L
Comparator
Comparator Operation
The device contains two comparator functions which are used to compare two analog voltages and
provide an output based on their difference. Full control over the two internal comparators is
provided via two control registers, CP0C and CP1C, one assigned to each comparator. The
comparator output is recorded via a bit in their respective control register, but can also be transferred
out onto a shared I/O pin. Additional comparator functions include, output polarity, hysteresis
functions and power down control.
Any pull-high resistors connected to the shared comparator input pins will be automatically
disconnected when the comparator is enabled. As the comparator inputs approach their switching
level, some spurious output signals may be generated on the comparator output due to the slow
rising or falling nature of the input signals. This can be minimised by selecting the hysteresis
function will apply a small amount of positive feedback to the comparator. Ideally the comparator
should switch at the point where the positive and negative inputs signals are at the same voltage
level, however, unavoidable input offsets introduce some uncertainties here. The hysteresis function,
if enabled, also increases the switching offset value.
Comparator Registers
There are two registers for overall comparator operation, one for each comparator. As corresponding
bits in the two registers have identical functions, they following register table applies to both
registers.
Register
Name
Bit
7
6
5
4
3
2
1
0
CP0C
C0SEL
C0EN
C0POL
C0OUT
C0OS
—
—
C0HYEN
CP1C
C1SEL
C1EN
C1POL
C1OUT
C1OS
—
—
C1HYEN
Comparator Registers List
Comparator Interrupt
Each also possesses its own interrupt function. When any one of the changes state, its relevant
interrupt flag will be set, and if the corresponding interrupt enable bit is set, then a jump to its
relevant interrupt vector will be executed. Note that it is the changing state of the C0OUT or C1OUT
bit and not the output pin which generates an interrupt. If the microcontroller is in the SLEEP or
IDLE Mode and the Comparator is enabled, then if the external input lines cause the Comparator
output to change state, the resulting generated interrupt flag will also generate a wake-up. If it is
required to disable a wake-up from occurring, then the interrupt flag should be first set high before
entering the SLEEP or IDLE Mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com