Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 153 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 153 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 149Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 150Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 151Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 152Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 153Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 154Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 155Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 156Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 157Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 153 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
152
March 06 , 2012
Rev. 1.50
153
March 06 , 2012
ACERL Register
Bit
7
6
5
4
3
2
1
0
Name
ACE7
ACE6
ACE5
ACE4
ACE3
ACE2
ACE1
ACE0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit 7
ACE7: Define PA7 is A/D input or not
0: Not A/D input
1: A/D input, AN7
Bit 6
ACE6: Define PA6 is A/D input or not
0: Not A/D input
1: A/D input, AN6
Bit 5
ACE5: Define PA5 is A/D input or not
0: Not A/D input
1: A/D input, AN5
Bit 4
ACE4: Define PA4 is A/D input or not
0: Not A/D input
1: A/D input, AN4
Bit 3
ACE3: Define PA3 is A/D input or not
0: Not A/D input
1: A/D input, AN3
Bit 2
ACE2: Define PA2 is A/D input or not
0: Not A/D input
1: A/D input, AN2
Bit 1
ACE1: Define PA1 is A/D input or not
0: Not A/D input
1: A/D input, AN1
Bit 0
ACE0: Define PA0 is A/D input or not
0: Not A/D input
1: A/D input, AN0
ACERH Register
●
HT67F60
Bit
7
6
5
4
3
2
1
0
Name
—
—
—
—
ACE11
ACE10
ACE9
ACE8
R/W
—
—
—
—
R/W
R/W
R/W
R/W
POR
—
—
—
—
1
1
1
1
Bit 7~4
unimplemented, read as "0"
Bit 3
ACE11: Define PH3 is A/D input or not
0: Not A/D input
1: A/D input, AN11
Bit 2
ACE10: Define PH2 is A/D input or not
0: Not A/D input
1: A/D input, AN10
Bit 1
ACE9: Define PH1 is A/D input or not
0: Not A/D input
1: A/D input, AN9
Bit 0
ACE8: Define PH0 is A/D input or not
0: Not A/D input
1: A/D input, AN8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com