Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 164 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 164 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 160Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 161Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 162Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 163Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 164Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 165Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 166Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 167Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 168Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 164 / 242 page
background image
Rev. 1.50
164
March 06 , 2012
Rev. 1.50
165
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
SPI Registers
There are three internal registers which control the overall operation of the SPI interface. These are
the SIMD data register and two registers SIMC0 and SIMC2. Note that the SIMC1 register is only
used by the I2C interface.
Register
Name
Bit
7
6
5
4
3
2
1
0
SIMC0
SIM2
SIM1
SIM0
PCKEN
PCKP1
PCKP0
SIMEN
—
SIMD
D7
D6
D5
D4
D3
D2
D1
D0
SIMC2
D7
D6
CKPOLB
CKEG
MLS
CSEN
WCOL
TRF
SIM Registers List
The SIMD register is used to store the data being transmitted and received. The same register is used
by both the SPI and I2C functions. Before the device writes data to the SPI bus, the actual data to be
transmitted must be placed in the SIMD register. After the data is received from the SPI bus, the
device can read it from the SIMD register. Any transmission or reception of data from the SPI bus
must be made via the SIMD register.
●
SIMD Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
D5
D4
D3
D2
D1
D0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
x
x
x
x
x
x
x
x
"x" unknow
There are also two control registers for the SPI interface, SIMC0 and SIMC2. Note that the SIMC2
register also has the name SIMA which is used by the I2C function. The SIMC1 register is not used
by the SPI function, only by the I2C function. Register SIMC0 is used to control the enable/disable
function and to set the data transmission clock frequency. Although not connected with the SPI
function, the SIMC0 register is also used to control the Peripheral Clock Prescaler. Register SIMC2
is used for other control functions such as LSB/MSB selection, write collision flag etc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com