Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 166 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 166 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 162Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 163Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 164Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 165Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 166Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 167Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 168Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 169Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 170Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 242 page
background image
Rev. 1.50
166
March 06 , 2012
Rev. 1.50
167
March 06 , 2012
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPRO
●
SIMC2 Register
Bit
7
6
5
4
3
2
1
0
Name
D7
D6
CKPOLB
CKEG
MLS
CSEN
WCOL
TRF
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
0
0
0
0
0
0
0
0
Bit 7~6
Undefined bit
This bit can be read or written by user software program.
Bit 5
CKPOLB: Determines the base condition of the clock line
0: the SCK line will be high when the clock is inactive
1: the SCK line will be low when the clock is inactive
The CKPOLB bit determines the base condition of the clock line, if the bit is high,
then the SCK line will be low when the clock is inactive. When the CKPOLB bit is
low, then the SCK line will be high when the clock is inactive.
Bit 4
CKEG: Determines SPI SCK active clock edge type
CKPOLB=0
0: SCK is high base level and data capture at SCK rising edge
1: SCK is high base level and data capture at SCK falling edge
CKPOLB=1
0: SCK is low base level and data capture at SCK falling edge
1: SCK is low base level and data capture at SCK rising edge
The CKEG and CKPOLB bits are used to setup the way that the clock signal outputs
and inputs data on the SPI bus. These two bits must be configured before data transfer
is executed otherwise an erroneous clock edge may be generated. The CKPOLB bit
determines the base condition of the clock line, if the bit is high, then the SCK line
will be low when the clock is inactive. When the CKPOLB bit is low, then the SCK
line will be high when the clock is inactive. The CKEG bit determines active clock
edge type which depends upon the condition of CKPOLB bit.
Bit 3
MLS: SPI Data shift order
0: LSB
1: MSB
This is the data shift select bit and is used to select how the data is transferred, either
MSB or LSB first. Setting the bit high will select MSB first and low for LSB first.
Bit 2
CSEN: SPI SCS pin Control
0: Disable
1: Enable
The CSEN bit is used as an enable/disable for the SCS pin. If this bit is low, then the
SCS pin will be disabled and placed into a floating condition. If the bit is high the SCS
pin will be enabled and used as a select pin.
Note that using the CSEN bit can be disabled or enabled via configuration option.
Bit 1
WCOL: SPI Write Collision flag
0: No collision
1: Collision
The WCOL flag is used to detect if a data collision has occurred. If this bit is high it
means that data has been attempted to be written to the SIMD register during a data
transfer operation. This writing operation will be ignored if data is being transferred.
The bit can be cleared by the application program. Note that using the WCOL bit can be
disabled or enabled via configuration option.
Bit 0
TRF: SPI Transmit/Receive Complete flag
0: Data is being transferred
1: SPI data transmission is completed
The TRF bit is the Transmit/Receive Complete flag and is set "1" automatically when
an SPI data transmission is completed, but must set to "0" by the application program.
It can be used to generate an interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com