Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 207 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 207 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 203Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 204Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 205Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 206Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 207Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 208Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 209Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 210Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 211Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 207 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
206
March 06 , 2012
Rev. 1.50
207
March 06 , 2012
LCD Memory
An area of Data Memory is especially reserved for use for the LCD display data. This data area is
known as the LCD Memory. Any data written here will be automatically read by the internal display
driver circuits, which will in turn automatically generate the necessary LCD driving signals.
Therefore any data written into this Memory will be immediately reflected into the actual display
connected to the microcontroller.
As the LCD Memory addresses overlap those of the General Purpose Data Memory, it s stored in its
own independent Bank 1 area. The Data Memory Bank to be used is chosen by using the Bank
Pointer, which is a special function register in the Data Memory, with the name, BP. To access the
LCD Memory therefore requires first that Bank 1 is selected by writing a value of 01H to the BP
register. After this, the memory can then be accessed by using indirect addressing through the use of
Memory Pointer MP1. With Bank 1 selected, then using MP1 to read or write to the memory area,
starting with address 80H, will result in operations to the LCD Memory. Directly addressing the
Display Memory is not applicable and will result in a data access to the Bank 0 General Purpose
Data Memory.
The accompanying LCD Memory Map diagrams shows how the internal LCD Memory is mapped
to the Segments and Commons of the display for the devices. LCD Memory Maps for devices with
smaller memory capacities can be extrapolated from these diagrams.
80H
98H
b7
b6
b5
b4
b3
b2
b1
b0
81 H
b7
b6
b5
b4
b3
b2
b1
b0
SE G 0
SE G 24
SE G 1
SE G 23
97H
SE G 0
SE G 24
SE G 1
SE G 23
80H
81 H
98H
97H
1/ 2 bi as o r 1/ 3 bi as
1/ 4 bi as
: U nus ed, R ead as " 0"
HT67F30 LCD Memory Map



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com