Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 211 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 211 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 207Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 208Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 209Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 210Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 211Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 212Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 213Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 214Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 215Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
210
March 06 , 2012
Rev. 1.50
211
March 06 , 2012
●
LCDCTRL Register
Bit
7
6
5
4
3
2
1
0
Name
TYPE
DTYC1
DTYC0
—
BIAS
RSEL1
RSEL0
LCDEN
R/W
R/W
R/W
R/W
—
R/W
R/W
R/W
R/W
POR
0
0
0
—
0
0
0
0
Bit 7
TYPE: LCD Type Control
0: Type A
1: Type B
Bit 6~Bit 5 DTYC1, DTYC0: LCD Duty Control
00: 1/2 duty
01: 1/3 duty
10: 1/4 duty
11: undefined
Bit 4
uniplemented, read as “0”
Bit 3
BIAS: LCD Bias Control
0: 1/2 Bias
1: 1/3 Bias
Bit 2~Bit 1 RSEL1, RSEL0: LCD Bias Resistor Select
RSEL1
RSEL0
1/3 Bias
1/2 Bias
0
0
600kΩ
400kΩ
0
1
300kΩ
200kΩ
1
0
100kΩ
67kΩ
1
1
50kΩ
34kΩ
Bit 0
LCDEN: LCD Enable Control
0: Disable
1: Enable
In the Normal, Slow or Idle mode, the LCD on/off function can be controlled by this
bit. In the Sleep mode, the LCD is always off.
●
LCDOUT0 Register
Bit
7
6
5
4
3
2
1
0
Name
LCDO7
LCDO6
LCDO5
LCDO4
LCDO3
LCDO2
LCDO1
LCDO0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit 7~Bit0
LCDO7~LCDO0: SEG7~SEG0 Output or I/O
0: LCD Segment Output
1: I/O
●
LCDOUT1 Register
Bit
7
6
5
4
3
2
1
0
Name
LCDO15 LCDO14 LCDO13 LCDO12 LCDO11 LCDO10
LCDO9
LCDO8
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
1
1
1
1
1
1
1
1
Bit 7~Bit0
LCD15~LCDO8: SEG15~SEG8 Output or I/O
0: LCD Segment Output
1: I/O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com