Electronic Components Datasheet Search
  English  ▼

X  

HT67F40 Datasheet(PDF) 231 Page - Holtek Semiconductor Inc

Part # HT67F40
Description  TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
PDF  242 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT67F40 Datasheet(HTML) 231 Page - Holtek Semiconductor Inc

Back Button HT67F40 Datasheet HTML 227Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 228Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 229Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 230Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 231Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 232Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 233Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 234Page - Holtek Semiconductor Inc HT67F40 Datasheet HTML 235Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 231 / 242 page
background image
HT67F30/HT67F40/HT67F50/HT67F60
TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM
Rev. 1.50
230
March 06 , 2012
Rev. 1.50
231
March 06 , 2012
Enter power down mode
This instruction stops the program execution and turns off the system clock. The
contents of the Data Memory and registers are retained. The WDT and prescaler
are cleared. The power down flag PDF is set and the WDT time-out flag TO is
cleared.
TO ← 0
PDF ← 0
TO, PDF
Increment Data Memory
Data in the specified Data Memory is incremented by 1.
[m] ← [m]+1
Z
Increment Data Memory with result in ACC
Data in the specified Data Memory is incremented by 1. The result is stored in the
Accumulator. The contents of the Data Memory remain unchanged.
ACC ← [m]+1
Z
Jump unconditionally
The contents of the Program Counter are replaced with the specified address.
Program execution then continues from this new address. As this requires the
insertion of a dummy instruction while the new address is loaded, it is a two cycle
instruction.
Program Counter ← addr
None
Move Data Memory to ACC
The contents of the specified Data Memory are copied to the Accumulator.
ACC ← [m]
None
Move immediate data to ACC
The immediate data specified is loaded into the Accumulator.
ACC ← x
None
Move ACC to Data Memory
The contents of the Accumulator are copied to the specified Data Memory.
[m] ← ACC
None
No operation
No operation is performed. Execution continues with the next instruction.
No operation
None
HALT
Description
Operation
Affected flag(s)
INC [m]
Description
Operation
Affected flag(s)
INCA [m]
Description
Operation
Affected flag(s)
JMP addr
Description
Operation
Affected flag(s)
MOV A,[m]
Description
Operation
Affected flag(s)
MOV A,x
Description
Operation
Affected flag(s)
MOV [m],A
Description
Operation
Affected flag(s)
NOP
Description
Operation
Affected flag(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com