| Electronic Components Datasheet Search |
|
HT67F40 Datasheet(PDF) 235 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F40 Datasheet(HTML) 235 Page - Holtek Semiconductor Inc |
|
235 / 242 page ![]() HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM Rev. 1.50 234 March 06 , 2012 Rev. 1.50 235 March 06 , 2012 Set Data Memory Each bit of the specified Data Memory is set to 1. [m] ← FFH None Set bit of Data Memory Bit i of the specified Data Memory is set to 1. [m].1 ← 1 None Skip if increment Data Memory is 0 The contents of the specified Data Memory are first incremented by 1. If the result is 0, the following instruction is skipped. As this requires the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle instruction. If the result is not 0 the program proceeds with the following instruction. [m] ← [m] + 1 Skip if [m] = 0 None Skip if increment Data Memory is zero with result in ACC The contents of the specified Data Memory are first incremented by 1. If the result is 0, the following instruction is skipped. The result is stored in the Accumulator but the specified Data Memory contents remain unchanged. As this requires the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle instruction. If the result is not 0 the program proceeds with the following instruction. ACC ← [m] + 1 Skip if ACC = 0 None Skip if bit i of Data Memory is not 0 If bit i of the specified Data Memory is not 0, the following instruction is skipped. As this requires the insertion of a dummy instruction while the next instruction is fetched, it is a two cycle instruction. If the result is 0 the program proceeds with the following instruction. Skip if [m].i ≠ 0 None Subtract Data Memory from ACC The specified Data Memory is subtracted from the contents of the Accumulator. The result is stored in the Accumulator. Note that if the result of subtraction is negative, the C flag will be cleared to 0, otherwise if the result is positive or zero, the C flag will be set to 1. ACC ← ACC − [m] OV, Z, AC, C SET [m] Description Operation Affected flag(s) SET [m].i Description Operation Affected flag(s) SIZ [m] Description Operation Affected flag(s) SIZA [m] Description Operation Affected flag(s) SNZ [m].i Description Operation Affected flag(s) SUB A,[m] Description Operation Affected flag(s) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |