Electronic Components Datasheet Search
  English  ▼

X  

M541 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # M541
Description  Bonding, Handling, and Mounting Procedures for Chip Diode Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M541 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  M541 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Bonding, Handling, and Mounting Procedures for
Chip Diode Devices
M/A-COM Products
Rev. V3
Application Note
M541
5
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Reliability Problems
Silver conductive epoxies should not be used where they
will come into contact with lead tin solders or high tin
solder. There can be an anodic reaction which may
cause failure of the bond.
Bond Strength
The shear bond strength of good epoxy joint can ap-
proach that of solder 50-100Kgms/cm
2. The thickness of
the conductive epoxy should be kept at 0.001” or less.
The shear bond strength should be about:
40-60 grams for 0.010 X 0.010 inch chip
150-250 grams for 0.020 x 0.020 inch chip
350-500 grams for 0.030 x 0.030 inch chip
In general the epoxy will shear before the chip breaks.
Weak bonds are usually caused by the use of old epoxy,
bonds that are too thick, or lack cleanliness.
Thermal Resistance
Although the thermal resistance of silver conductive ep-
oxy bonds is a little higher than that of gold tin eutectic
solder, it is still satisfactory for all but the highest power
applications as long as the epoxy is kept thin.
Visual Inspection
Die down bonds should be checked regularly using a 5-
15X microscope and should meet visual criteria shown in
table 2.
Top Bonding to the Chip
Most chips can be bonded with a wedge bonder. The
size and shape of the contact will depend on the size of
the bonding pads and the parasitic inductance or capaci-
tance requirement of the circuit.
A gold strap is effective for the majority of applications.
Critical criteria in this procedure are cleanliness, bonding
tip shape, tip pressure, and stage temperature.
Top Contacting Methods
The usual criteria for choosing a specific top bonding
technique are the size of the top contact of the chip, the
type of chip, the sensitivity of the chip to temperature and
pressure , the type of circuit board and the equipment
available. Table 3 illustrates some suggested top bond-
ing methods listed by type of the chip and circuit applica-
tions. Usually the simplest contacts are gold strap 0.001
X 0.005 inch or a 0.0007 to 0.001 inch diameter wedge
bonded gold wire. The inductance of a 1 mil diameter
wire will be ~ 0.05 nH for a 0.20 inch long lead. This in-
ductance can be reduced considerably by using multiple
contact wires or by using straps (a technique which also
increases reliability).
Selection of Bonding Equipment Tools & Tips
The choice of bonding equipment and tools depends
greatly on the type of circuit and chips to be used. Most
bonding equipment manufactures have useful literature
available.
Wire Bonding
It is very difficult to give definite parameter values of
force pressure time and temperature for an optimum
bonding schedule. Different wires or strap sizes, bonding
surfaces or semiconductor die characteristics require
different bonding conditions. In general, the bonding pa-
rameters should be adjusted to maximize reproducibility
at a high bond pull strength.
Most problems are caused by improper bonding machine
and tool settings as well as improper maintenance and
cleanliness. It is important to control the movement of the
part being bonded, alignment of tools, tool height, angle,
and tool condition.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com