Electronic Components Datasheet Search
  English  ▼

X  

M541 Datasheet(PDF) 6 Page - M/A-COM Technology Solutions, Inc.

Part # M541
Description  Bonding, Handling, and Mounting Procedures for Chip Diode Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M541 Datasheet(HTML) 6 Page - M/A-COM Technology Solutions, Inc.

  M541 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Bonding, Handling, and Mounting Procedures for
Chip Diode Devices
M/A-COM Products
Rev. V3
Application Note
M541
6
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
In general, the die will crack or “crater” if too hard a wire
or excessive pressure is used. Too little pressure results
in small, weak bonds.
A good wire bond should be stronger then the wire and
should also be two or three times the wire diameter as
illustrated.
Also illustrated are drawings of another type of wire
bond, the ball bond, As with all top bonds to planar die,
the wire (or strap) should break during a pull test before
the bond breaks.
When wire bonding, the deformed width of the wire
should be about 1.3 to 1.8 times the wire thickness as
shown in the wire bond sketch below.
If the deformed width is too small, the bond will tend to
lift off. If it is too large (greater than 1.8 times the wire
diameter) the wire tends to weaken and break.
Also shown is a curve of the pull strength vs deformed
width of ultrasonic bonded wire.
Wire Bonding to GaAs Junctions
GaAs is very brittle, and although the above mentioned
procedures apply, the following extra precautions should
be taken when wire bonding.
Wire bonds to the junctions are best made using a ther-
mal compression wedge bonder with a heated stage and
tip. A stage temperature of 240ºC and a tip temperature
of 120ºC is recommended. Typical bonding force should
be the region of 20 grams for the smallest junctions but
less than 40 grams for all others junctions. It is recom-
mended that dead soft gold wire be used with a diameter
of
0.0007 inches for the smallest mesa and 3 mil X
0.0005 ribbon for the largest mesa and 50 ohms attach-
ment. For GaAs diodes, such as PIN diodes in parallel
configuration, two ribbons are preferable.
Strap Bonding
When bonding a strap, the bond should not deform the
strap by more than 50%. The tool and conditions should
be selected to provide a bond that has at least the same
cross sectional area as the strap itself. For example, a
0.5 mil x 5 mil strap should have a bond cross section of
2.5 mils square or greater. The schematic shown illus-
trates a typically strong single strap bond to a large
mesa. Cross strapping is used for low parasitic induc-
tance. Careful heat and pressure control must be exer-
cised in order to form a strong, damage free cross strap
bond.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com