Electronic Components Datasheet Search
  English  ▼

X  

M541 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # M541
Description  Bonding, Handling, and Mounting Procedures for Chip Diode Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M541 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  M541 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Bonding, Handling, and Mounting Procedures for
Chip Diode Devices
M/A-COM Products
Rev. V3
Application Note
M541
1
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Discussion
Chip Diode devices for use in integrated circuits and
hybrid integrated circuits have proliferated in the last few
years. Today circuit designer is faced with a multiplicity
of alternatives in the involving tradeoffs of particular ad-
vantages and disadvantages. The obvious advantages in
the use of chip diodes in hybrid integrated circuit applica-
tions are their very small size and potentially lower cost.
Small size and simplicity of structure give the benefit of
minimal parasitics, but as the size of the diode becomes
smaller, handling and production problems increase. By
outlining our conclusions, we hope to help the designer
overcome some of the difficulties encountered when
using chips in MIC applications. M/A-COM Tech manu-
factures a large selection of chip and packaged diodes
for hybrid integrated circuits. Obviously not all diode
types are available in all configurations. Characteristics
such as breakdown voltage or capacitance may limit the
size of the chip or its form.
Silicon Chip Devices
CERMACHIP™ PIN Diodes
Oxide Passivated PIN Chips
Beam Lead PINs
Snap Varactor Chips
Tuning Varactor Chips
MNS Chip Capacitors
Schottky Chips
Beam Lead Schottky Diodes
PF transistor Chips (Low Noise)
Silicon Chip Devices
Gunn Diodes
GaAs Tuning Varactors
Beam lead GaAs Tuning Varactors
GaAs Multipliers
GaAs Schottky Mixers
GaAs Abrupt and Hyperabrupt Tuning Varactors
GaAs Beam lead Schottky
Microstrip Packages and Chip Carriers
Chip diodes usually require specialized equipment for die
attachment to the circuit and for wire or strap bonding to
the top of the chip. These operations require a clean
work environment and special handling equipment such
as vacuum pickups, hot gas bonders and/or thermal
compression bonding equipment.
Not all MIC circuits require chips. In many cases
(especially for conventional stripline circuits) a hybrid
circuit package or carrier will give satisfactory results and
can be handled much more easily without a large invest-
ment in fabrication equipment. M/A-COM Tech supplies
a broad band of diodes in stripline or carrier packages.
Chip Bonding Methods
The biggest problem in using chip diodes is the damage
encountered when assembling chips into circuits. In gen-
eral, the value of the integrated circuits far exceeds the
cost of the chip itself. When packaged diodes are used,
the critical die attach and top contract operations are per-
formed by M/A-COM tech and all devices are RF tested
after assembly into the package. When the circuit fabrica-
tor performs the die attach and wire bonding operation on
a complex substrate, he /she runs the risk of losing or
damaging a chip during the bonding operation which can
results in the loss of the whole circuit or in an expensive
rework cycle.
The most common problems that arise when bonding
chips to the circuit are: the introduction of excessive series
resistance, especially under forward bias conditions due to
the improper bonding of the chip to the ground plane; poor
reliability due to the entrapment of fluxes under the bond;
and mechanical failure of the bond under thermal shock or
temperature cycling. All three conditions are the results of
improper wetting of the die to the ground plane and are
usually caused by inadequate cleanliness or inadequate
bonding conditions,
The Influence of the Circuit Board on
Chip bonding Methods
Selection of the chip bonding method must take into con-
sideration the characteristics of the circuit board material
being used.
Stripline teflon fiberglass circuits should be soft soldered.
Most eutectic solders melt at temperatures too high (250-
300ºC) to be used with teflon fiberglass boards. Conduc-
tive epoxies can also be used, but the results may not be
reliable. The use of Gunn diodes on teflon fiberglass cir-
cuits is not recommended because the major problem in
operating these diodes is removal of heat. It is absolutely
essential that eutectic solders or thermal compression
bonding be used to bond these diodes to achieve the best
thermal resistance. Soft solders and conductive epoxies
are not acceptable methods for bonding Gunn diodes. The
use of beam lead diodes with teflon fiberglass boards is
not generally recommended. Because these boards are
flexible, they may bend during or after bonding and cause
the diode leads to break.
In many cases conductive epoxies will give good results
with little or no complex equipment required. Although the
high temperature and long them reliability of this type of
band is not generally as good as eutectic solder, the use
of conductive epoxies is an acceptable and sample way to
fabricate most circuits.


Similar Part No. - M541

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M541 MITSUBISHI-M541 Datasheet
196Kb / 6P
EARTH LEAKAGE CURRENT DETECTOR
logo
National Semiconductor ...
M541 NSC-M541 Datasheet
120Kb / 6P
Dual 4-Line to 1-Line Data Selectors/Multiplexers
M541 NSC-M541 Datasheet
130Kb / 6P
Dual Retriggerable One-Shot with Clear and Complementary Outputs
logo
OKI electronic componet...
M541 OKI-M541 Datasheet
170Kb / 15P
262,214-Word x 12-Bit Field Memory
logo
Sanken electric
M541 SANKEN-M541 Datasheet
43Kb / 2P
TO-220F 5A Triac
More results

Similar Description - M541

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
B-640 ETC2-B-640 Datasheet
60Kb / 1P
Installation, Operation and Maintenance Procedures
logo
M/A-COM Technology Solu...
M567 MA-COM-M567 Datasheet
341Kb / 2P
CR-15 Package Handling and Mounting Procedure
M570 MA-COM-M570 Datasheet
172Kb / 4P
Bonding, Handling, and Mounting Procedures for Millimeterwave PHEMT MMIC?셲
logo
STMicroelectronics
TN1188 STMICROELECTRONICS-TN1188 Datasheet
337Kb / 7P
Chip storage and handling for aerospace products with silver
17-Apr-2015
logo
List of Unclassifed Man...
1344171 ETC2-1344171 Datasheet
93Kb / 2P
Shielding and Bonding Cable.
1345387 ETC2-1345387 Datasheet
93Kb / 2P
Shielding and Bonding Cable.
1351630 ETC2-1351630 Datasheet
92Kb / 2P
Shielding and Bonding Cable.
1351692 ETC2-1351692 Datasheet
93Kb / 2P
Shielding and Bonding Cable
logo
Cymbet Corporation
PI-72-04 CYMBET-PI-72-04 Datasheet
321Kb / 11P
EnerChip Standards Compliance and Use Procedures
logo
PHOENIX CONTACT
2731128 PHOENIX-2731128 Datasheet
82Kb / 2P
Mounting plate for Ruggedline devices
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com