Electronic Components Datasheet Search
  English  ▼

X  

M541 Datasheet(PDF) 9 Page - M/A-COM Technology Solutions, Inc.

Part # M541
Description  Bonding, Handling, and Mounting Procedures for Chip Diode Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M541 Datasheet(HTML) 9 Page - M/A-COM Technology Solutions, Inc.

  M541 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
Bonding, Handling, and Mounting Procedures for
Chip Diode Devices
M/A-COM Products
Rev. V3
Application Note
M541
9
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
The following precautions will ensure better results when
bonding beam leads:
To minimize the lead inductance, the wedge, or heated
tips should be placed as close as possible to the chip
without touching it. The chip is very easily damaged and
case must be taken that the bonding tip does not contact
the chip at any time during the bonding process.
The bonding tip must be perpendicular to the beam dur-
ing bonding, to prevent a torsional force which will pull
the beams apart. This is particularly important when
bonding the second lead.
Handing and Bonding
The rugged construction of SURMOUNT chip devices
allows the use of standard handling and die attach tech-
niques. It is important to note that industry standard elec-
trostatic discharge (ESD) control is required at all times,
due to the nature of Schottky junctions.
Handing
The devices can be handled with #3c tweezers for man-
ual placement. The top surface of the die has a protec-
tive coating to minimize damage. These devices are
compatible with vacuum pencil or automatic pick and
place installation.
Bonding
Die attach for these devices is made simple through the
use of surface mount die attach technology. Mounting
pads are conveniently located on the bottom surface of
these device and are removed from the active junction
locations. The devices are well suited for high tempera-
ture solder attachment onto hard substrates. The use of
80% gold, 20% tin solder is recommended, but lead tin
solders are acceptable. Conductive epoxy may also be
used for die attach.
When soldering these devices to a hand substrate, hot
gas die bonding is preferred. We recommend utilizing
vacuum tip and force of 60 to 100 grams applied normal
to the top surface of the device. When soldering to soft
substrates, it is recommended to use a lead-tin interface
at the circuit board mounting pads. Position the die so
that its mounting pad are aligned with the circuit board
mounting pads, and reflow the solder by heating the
circuit trace near the mounting pad while applying 60 to
100 grams force perpendicular to the top surface of the
die. Solder reflow must not be accomplished by causing
heat to flow through the die. Consequently, the solder
joints must be made one at a time, or a multi-tip solder-
ing iron could be used to simultaneously reflow all the
solder joints.
Since the HMIC glass is transparent, the edges of the
mounting pads closest to each other can be visually in-
spected through the die after die attach is completed.
Cross Section
Top View
Bottom View



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com