Electronic Components Datasheet Search
  English  ▼

X  

M541 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # M541
Description  Bonding, Handling, and Mounting Procedures for Chip Diode Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M541 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  M541 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Bonding, Handling, and Mounting Procedures for
Chip Diode Devices
M/A-COM Products
Rev. V3
Application Note
M541
4
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Figure 3. Die Bonding Criteria
Die Down
Method
Visual
(Good Bond Criteria)
Typical Bond Strength
(In Stress)
Extra Rs From
1
Die Down (0.020” Chip)
Conductive Epoxy
Flat and max epoxy thickness
~0.001 inch - 90% min wetting
~ 50-100 kgms/cm
2
Less than 0.15 ohms
Soft Solder
Flat - max solder thickness
0.001 inch - 90% min wetting
~ 70-100 kgms/cm
2
Less than 0.10 ohms
Gold-tin Eutectic Solder
Thermal Compression Bond
Flat - max solder thickness
0.001 inch - 90% min wetting
Flat - 90% min wetting
~ 100-150 kgms/cm
2
~ 100 kgms/cm
2
Less than 0.10 ohms
Less than 0.10 ohms
Note: 1. This is the approximate extra RF series resistance from an ideal lossless bond of 0.020” x 0.020” chip
Table 2. Visual Inspection for Good Die-Down Bonds (Using a 5-15x Microscope)
Table 3. Methods for Top-Bonding Diode Chips
Type of Chip
Type of Circuit Board
Ceramic
Teflon Fiberglass Metal Ground
Planer Chip with Gold Metal on Anode
Wedge bond 0.002 diameter gold wire or 0.001 x 0.005 strap.
Bonding tool must be smaller than anode pad.
Beam Lead
Ultrasonic bond
Bonding tip size 0.002 minimum
Special tools are available for beam leads
NOT RECOMMENDED
Schottky Diodes with Planer Contacts
Wedge bond 0.0007 diameter gold wire.
Bonding tip size 0.001 maximum
Hermetic CERMACHIP ™
Wedge bond.
0.001 x 0.005 strap is best
Bonding tip size 0.005 maximum
Wedge bond, or parallel gap
Or welded strap
Planer Chips with Very Small Node
Pads (less than 0.002)
Wedge bond 0.0007 to 0.001 diameter gold wire.
Bonding tip size 0.001 maximum
Mesa Diodes (Small)
Wedge bond. Use 5 mil strap, if possible
Bonding tool tip size 0.001 to 0.002.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com