Electronic Components Datasheet Search
  English  ▼

X  

M541 Datasheet(PDF) 8 Page - M/A-COM Technology Solutions, Inc.

Part # M541
Description  Bonding, Handling, and Mounting Procedures for Chip Diode Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M541 Datasheet(HTML) 8 Page - M/A-COM Technology Solutions, Inc.

  M541 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Bonding, Handling, and Mounting Procedures for
Chip Diode Devices
M/A-COM Products
Rev. V3
Application Note
M541
8
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Bonding Beam Lead Diodes
Selection of the beam lead bonding method must take
into consideration the characteristics of the circuit board
material used. Hard substrates such as alumina and
quartz are recommended. Various bonding techniques
are described below and may all be used on hard sur-
faces.
The beam lead diode is a silicon chip with planar gold
leads which extend from the top surface of the chip
(~0.010 to 0.030 inches). Beam lead diodes are gener-
ally the smallest size chips available. They must be han-
dled with care because the leads may easily be distorted
or broken by the normal pressure of tweezers handling.
Most vacuum tips are too large. A vacuum pencil with a
#27 tip is recommended. A pointed wooden stick such as
a sharpened Q tip or toothpick which has been dipped in
isopropyl alcohol can also be used as a pick and place
tool since the beam lead will adhere to the moistened
point. This work should be performed under 10X to 30X
magnification.
Beam lead diodes are easily damaged by static electric-
ity and/ or current from a small low impedance ground
loop in the circuit. When mounting the diode in the cir-
cuit , contact should never be made across the gap. A
static discharge from the operator may flow through the
diode and destroy it. The circuit should always be
grounded before the second lead of the diode is at-
tached.
The preferred methods for bonding a beam lead diode
are thermal compression bonding and parallel gap weld-
ing. For thermal compression bonding, the beam lead
diode is placed down (gold beam to gold plated sub-
strate) with the leads resting flat on the pad and the bond
made by using a heated wedge. Heat and pressure form
a metallurgical bond. A minimum of 100 microinches of
gold on the substrate is recommended for optimum
bonding.
In the parallel gap technique, current is first passed
through the substrate metallization, then through the
device lead. Most of the heat is generated at the inter-
face. Extreme care must be taken to see that the step
welder does not discharge through the diode junction, or
the diode will be destroyed. The bonding pressure should
be ~ 900 gms / mm
2..
The major advantage of the parallel gap technique is that
a cold ambient may be used. Heat is only generated in
the vicinity of the bond itself. Caution must be taken
when making the second bond because if the diode is
placed in tension, the leads may break.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com