Electronic Components Datasheet Search
  English  ▼

X  

M541 Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # M541
Description  Bonding, Handling, and Mounting Procedures for Chip Diode Devices
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

M541 Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  M541 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. M541 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Bonding, Handling, and Mounting Procedures for
Chip Diode Devices
M/A-COM Products
Rev. V3
Application Note
M541
2
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Soft solders, such as the eutectic composition of antimony
or lead tin, give excellent reliability and good high tem-
perature characteristics. The use of flux for soldering is
not recommended at any time. Instead, a cover gas such
as a forming gas (80% N2, 20% H2, or 95% N2, 5% H2)
should be used. When applicable, probably the best die
down procedure is an ultrasonic silicon gold thermal com-
pression bond or a high temperature eutectic solder (such
as gold tin eutectic– 80% Au, 20% Sn) with a melting
point of approximately 280ºC.
Chip Die Down Bonding Techniques
Hot Gas Bonding of Chips
The hot gas bonder is one of the most convenient ways of
bonding chips onto a metal ground plane or circuit. Both
silicon and GaAs may be bonded using similar tech-
niques.
GaAs is brittle and softer than silicon. The use of gold tin
solder perform (80% Au, 20% Sn) with an eutectic melting
point of 280ºC is recommended. A clean, gold plated sur-
face is required to insure good wetting. The perform
should be large enough to insure that the die fits within
the area shown. The perform should be ~1 mil thick.
The heating stage should be set at 250 ± 5ºC. An 80% N2,
20% H2 forming gas is effective as the hot gas jet. The
temperature at the tip should be approximately 400ºC.
The wetting time after the solder reflow is critical for
strong bonding. It should be carefully controlled; 3 sec ± 1
sec. If done correctly, the shear strength of a 10 X 10 mil
die will average 250-300 grams.
Ribbon and Wire Attachment
It is recommended that thermo-compression bonding be
used. The bonding tip should be smaller than the anode
contact. The exact conditions will depend on the tool
types used. It is recommended that a half hard gold wire
or strap be used. The wire or strap diameter should be
smaller than the diameter of the anode contact. Typical
bonding force should be 20 to 15 grams, and should not
exceed 30 grams. When wire bonding, a thermal com-
pression wedge bonder is recommended using a heated
stage and heated tip. The stage temperature should be ~
240ºC ± 10ºC and the recommended temperature for the
tip is 120ºC. Ultrasonic scrubbing is not recommended.
Furnace Solder of Dice
A moving belt furnace is also an excellent method for sol-
dering chips. A belt furnace with an 80-20 forming gas
atmosphere and nitrogen curtains on the ends of the fur-
nace is recommended. All parts should be clean and free
of oil and grease.
The temperature and speed of the belt should be adjusted
so that the parts reach ~ 25-50ºC over the melting point of
solder for a period of 2 to 5 minutes. Adequate tooling and
furnace temperatures are usually necessary to obtain
good alignment. “Clean” gases are also very important.
The criteria for acceptable solder die is shown on the fol-
lowing page.
Die Down
Method
Resultant
Thermal
Resistance
Temperature
Required
High
Temperature
Capabilities
Power
Handling
Capability
Ease of
Operation
Special
Equipment
Required
Potential
Problems
Conductive
Epoxy
Good with
proper
technique
Room temp to
150˚C
Good
Low to
medium power
Easiest to
apply
Little to none
High series or thermal
resistance
Soft solder i.e.,
Pb-Sn-Ag
(90,5,5)
Pb-Sn (60,40)
Good to very
good
200 - 280˚C
180 - 200˚C
Good
Good to very
good for low or
high power
Simple
application
Heated stage
hot gas bonder
or gas curtain
and furnace
Flux is usually required
with lead solders.
Cleaning of flux must
be done carefully
Eutectic Solder
Au-Sn (80,20)
Sn-Sb (97,3)
Very good
Approx. 300˚C
Approx. 230˚C
Good
Very good
Simple
application
Heated stage
or hot gas
bonder
Needs clean reducing
atmosphere
Gold silicon
Eutectic
(Thermal Com-
pression Bond)
Very good
Approx. 380˚C
Good
Very good
Most difficult
Ultrasonic
bonder with
heated stage &
tip preferable
Cleanliness, proper
bonding conditions
CHIP
SOLDER PREFORM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com