Electronic Components Datasheet Search
  English  ▼

X  

MIC5167 Datasheet(PDF) 7 Page - Micrel Semiconductor

Part # MIC5167
Description  1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5167 Datasheet(HTML) 7 Page - Micrel Semiconductor

Back Button MIC5167 Datasheet HTML 3Page - Micrel Semiconductor MIC5167 Datasheet HTML 4Page - Micrel Semiconductor MIC5167 Datasheet HTML 5Page - Micrel Semiconductor MIC5167 Datasheet HTML 6Page - Micrel Semiconductor MIC5167 Datasheet HTML 7Page - Micrel Semiconductor MIC5167 Datasheet HTML 8Page - Micrel Semiconductor MIC5167 Datasheet HTML 9Page - Micrel Semiconductor MIC5167 Datasheet HTML 10Page - Micrel Semiconductor MIC5167 Datasheet HTML 11Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Micrel, Inc.
MIC5167
January 2012
7
M9999-012312-B
Typical Characteristics (Continued)
VIN Operating Supply Current
vs. Temperature
0
5
10
15
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 3.3V
VTT = 0.9V
IOUT = 0A
VDDQ = 1.8V
SWITCHING
VIN Shutdown Current
vs. Temperature
0
4
8
12
16
20
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 3.3V
IOUT = 0A
VEN/DLY = 0V
VIN UVLO Threshold
vs. Temperature
1.0
1.4
1.8
2.2
2.6
3.0
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
Rising
Falling
VTT/VDDQ Tracking Ratio
vs. Temperature
0.490
0.495
0.500
0.505
0.510
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 3.3V
VTT = 0.9V
IOUT = 0A
Load Regulation
vs. Temperature
-1.0%
-0.5%
0.0%
0.5%
1.0%
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 3.3V
VTT = 0.9V
IOUT = 0A to 6A
Line Regulation
vs. Temperature
0.0%
0.1%
0.2%
0.3%
0.4%
0.5%
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 2.6V to 5.5V
VTT = 0.9V
IOUT = 0A
Switching Frequency
vs. Temperature
800
850
900
950
1000
1050
1100
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 3.3V
VTT = 0.9V
IOUT = 0A
Enable Input Current
vs. Temperature
0
1
2
3
4
5
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 3.3V
VEN/DLY = 0V
VTT = 0.9V
Current Limit
vs. Temperature
0
5
10
15
20
-50
-20
10
40
70
100
130
TEMPERATURE (°C)
VIN = 3.3V
VTT = 0.9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com