Electronic Components Datasheet Search
  English  ▼

X  

MIC5167 Datasheet(PDF) 16 Page - Micrel Semiconductor

Part # MIC5167
Description  1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5167 Datasheet(HTML) 16 Page - Micrel Semiconductor

Back Button MIC5167 Datasheet HTML 12Page - Micrel Semiconductor MIC5167 Datasheet HTML 13Page - Micrel Semiconductor MIC5167 Datasheet HTML 14Page - Micrel Semiconductor MIC5167 Datasheet HTML 15Page - Micrel Semiconductor MIC5167 Datasheet HTML 16Page - Micrel Semiconductor MIC5167 Datasheet HTML 17Page - Micrel Semiconductor MIC5167 Datasheet HTML 18Page - Micrel Semiconductor MIC5167 Datasheet HTML 19Page - Micrel Semiconductor MIC5167 Datasheet HTML 20Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
Micrel, Inc.
MIC5167
January 2012
16
M9999-012312-B
PCB Layout Guidelines
Warning!!! To minimize EMI and output noise, follow
these layout recommendations.
PCB Layout is critical to achieve reliable, stable and
efficient performance. A ground plane is required to
control EMI and minimize the inductance in power,
signal and return paths.
The following guidelines should be followed to insure
proper operation of the MIC5167 converter.
IC
•
The 22µF ceramic capacitor, which is connected to
the SVIN pin, must be located right at the IC. The
SVIN pin is very noise sensitive and placement of
the capacitor is very critical. Use wide traces to
connect to the SVIN and SGND pins.
•
The signal ground pin (SGND) must be connected
directly to the ground planes. Do not route the
SGND pin to the PGND Pad on the top layer.
•
Place the IC close to the point-of-load (POL).
•
Use fat traces to route the input and output power
lines.
•
Signal and power grounds should be kept separate
and connected at only one location.
Input Capacitor
•
A 22µF X5R or X7R dielectrics ceramic capacitor is
recommended on each of the PVIN pins for
bypassing.
•
Place the input capacitors on the same side of the
board and as close to the IC as possible.
•
Keep both the PVIN pin and PGND connections
short.
•
Place several vias to the ground plane close to the
input capacitor ground terminal.
•
Use either X7R or X5R dielectric input capacitors.
Do not use Y5V or Z5U type capacitors.
•
Do not replace the ceramic input capacitor with any
other type of capacitor. Any type of capacitor can be
placed in parallel with the input capacitor.
•
If a Tantalum input capacitor is placed in parallel
with the input capacitor, it must be recommended for
switching regulator applications and the operating
voltage must be derated by 50%.
•
In “Hot-Plug” applications, a Tantalum or Electrolytic
bypass capacitor must be used to limit the over-
voltage spike seen on the input supply with power is
suddenly applied.
Inductor
•
Keep the inductor connection to the switch node
(SW) short.
•
Do not route any digital lines underneath or close to
the inductor.
•
Keep the switch node (SW) away from the feedback
(FB) pin.
•
To minimize noise, place a ground plane underneath
the inductor.
•
The inductor can be placed on the opposite side of
the PCB with respect to the IC. It does not matter
whether the IC or inductor is on the top or bottom as
long as there is enough air flow to keep the power
components within their temperature limits. The
input and output capacitors must be placed on the
same side of the board as the IC.
Output Capacitor
•
Use a wide trace to connect the output capacitor
ground terminal to the input capacitor ground
terminal.
•
Phase margin will change as the output capacitor
value and ESR changes. Contact the factory if the
output capacitor is different from what is shown in
the BOM.
•
The feedback divider network must be place close to
the IC with the bottom of R2 connected to SGND.
•
The feedback trace should be separate from the
power trace and connected as close as possible to
the output capacitor. Sensing a long high current
load trace can degrade the DC load regulation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com