Electronic Components Datasheet Search
  English  ▼

X  

MIC5167 Datasheet(PDF) 18 Page - Micrel Semiconductor

Part # MIC5167
Description  1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5167 Datasheet(HTML) 18 Page - Micrel Semiconductor

Back Button MIC5167 Datasheet HTML 14Page - Micrel Semiconductor MIC5167 Datasheet HTML 15Page - Micrel Semiconductor MIC5167 Datasheet HTML 16Page - Micrel Semiconductor MIC5167 Datasheet HTML 17Page - Micrel Semiconductor MIC5167 Datasheet HTML 18Page - Micrel Semiconductor MIC5167 Datasheet HTML 19Page - Micrel Semiconductor MIC5167 Datasheet HTML 20Page - Micrel Semiconductor MIC5167 Datasheet HTML 21Page - Micrel Semiconductor MIC5167 Datasheet HTML 22Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
Micrel, Inc.
MIC5167
January 2012
18
M9999-012312-B
Bill of Materials
Item
Part Number
Manufacturer
Description
Qty.
C2012X5R0J226M
TDK
08056D226MAT
AVX
C1, C2, C3, C4,
C5
GRM21BR60J226ME39L
Murata
22µF/6.3V Ceramic Capacitor, X5R, 0805
5
VJ0603A102KXA
Vishay
1000pF/50V Ceramic Capacitor, COG, 0603
GRM188R71H102KA01D
Murata
1000pF/50V Ceramic Capacitor, X7R, 0603
C6
C1608C0G1H102J
TDK
1000pF/50V Ceramic Capacitor, COG, 0603
1
C7
C1608C0G1H104K
TDK
0.1µF/50V Ceramic Capacitor, X7R, 0603
1
C8
C0603X5R1H101M
TDK
100pF/50V Ceramic Capacitor, X5R, 0603
1
C9
C1005COG1H470J
TDK
47pF/50V Ceramic Capacitor, COG, 0402
1
C10, C11, C12
JMK316BJ107ML-T
Taiyo Yuden
100µF/6.3V Ceramic Capacitor, X5R, 1206
3
CIN
B41125A3477M000
Epcos
470µF/10V Electrolytic Capacitor, 8x10
1
L1
HCP0704-0R4-R
Coiltronics
0.4µH, 12A, size 6.8x6.8x4.2mm
1
R1, R3
CRCW060310K0FKEA
Vishay Dale
10.0kΩ Resistor, 0603, 1%
2
R2
CRCW06031K00FKEA
Vishay Dale
1.00kΩ Resistor, 0603, 1%
1
Q1
CMDPM7002A
Central
Semiconductor
Signal MOSFET, SOT-23-6
1
U1
MIC5167YML
Micrel, Inc.
Integrated 6A DDR Regulator
1
Notes:
1.
TDK: www.tdk.com
2.
AVX: www.avx.com
3.
Murata: www.murata.com
4.
Vishay: www.vishay.com
5.
BC Components: www.bccomponents.com
6.
Coiltronics: www.coiltronics.com
7.
Central Semiconductor: www.centralsemi.com
8.
Micrel, Inc.: www.micrel.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com