Electronic Components Datasheet Search
  English  ▼

X  

MIC5167 Datasheet(PDF) 8 Page - Micrel Semiconductor

Part # MIC5167
Description  1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5167 Datasheet(HTML) 8 Page - Micrel Semiconductor

Back Button MIC5167 Datasheet HTML 4Page - Micrel Semiconductor MIC5167 Datasheet HTML 5Page - Micrel Semiconductor MIC5167 Datasheet HTML 6Page - Micrel Semiconductor MIC5167 Datasheet HTML 7Page - Micrel Semiconductor MIC5167 Datasheet HTML 8Page - Micrel Semiconductor MIC5167 Datasheet HTML 9Page - Micrel Semiconductor MIC5167 Datasheet HTML 10Page - Micrel Semiconductor MIC5167 Datasheet HTML 11Page - Micrel Semiconductor MIC5167 Datasheet HTML 12Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
Micrel, Inc.
MIC5167
January 2012
8
M9999-012312-B
Typical Characteristics (Continued)
Efficiency
vs. Output Current
70
75
80
85
90
95
01
234
5
6
OUTPUT CURRENT (A)
3.3VIN
5.0VIN
VTT = 0.9V
VDDQ = 1.8V
VTT Load Regulation
vs. Output Current
-40
-30
-20
-10
0
10
-6
-4
-2
0246
OUTPUT CURRENT (A)
VIN = 5.0V
VTT = 0.6V
VDDQ = 1.2V
Switching Frequency
vs. Output Current
800
850
900
950
1000
1050
1100
01
23
45
6
OUTPUT CURRENT (A)
VIN = 5.0V
VTT = 0.9V
VDDQ = 1.8V
Efficiency (VIN = 3.3V)
vs. Output Current
70
75
80
85
90
95
01
23
45
67
8
OUTPUT CURRENT (A)
VIN = 3.3V
VTT
1.8V
1.6V
1.4V
1.2V
1.0V
0.9V
0.8V
0.6V
Efficiency (VIN = 5.0V)
vs. Output Current
70
75
80
85
90
95
01
23
45
67
8
OUTPUT CURRENT (A)
VIN = 5.0V
VTT
1.8V
1.6V
1.4V
1.2V
1.0V
0.9V
0.8V
0.6V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com