Electronic Components Datasheet Search
  English  ▼

X  

MIC5167 Datasheet(PDF) 14 Page - Micrel Semiconductor

Part # MIC5167
Description  1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5167 Datasheet(HTML) 14 Page - Micrel Semiconductor

Back Button MIC5167 Datasheet HTML 10Page - Micrel Semiconductor MIC5167 Datasheet HTML 11Page - Micrel Semiconductor MIC5167 Datasheet HTML 12Page - Micrel Semiconductor MIC5167 Datasheet HTML 13Page - Micrel Semiconductor MIC5167 Datasheet HTML 14Page - Micrel Semiconductor MIC5167 Datasheet HTML 15Page - Micrel Semiconductor MIC5167 Datasheet HTML 16Page - Micrel Semiconductor MIC5167 Datasheet HTML 17Page - Micrel Semiconductor MIC5167 Datasheet HTML 18Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
Micrel, Inc.
MIC5167
January 2012
14
M9999-012312-B
From that, the loss in efficiency due to inductor
resistance can be calculated as follows:
()
100
L
I
V
I
V
1
Loss
Efficiency
PD
OUT
OUT
OUT
OUT
×
⎥
⎥
⎦
⎤
⎢
⎢
⎣
⎡
⎟⎟
⎠
⎞
⎜⎜
⎝
⎛
+
×
×
−
=
Efficiency loss due to DCR is minimal at light loads and
gains significance as the load is increased. Inductor
selection becomes a trade-off between efficiency and size
in this case.
Alternatively, under lighter loads, the ripple current due to
the inductance becomes a significant factor. When light
load efficiencies become more critical, a larger inductor
value maybe desired. Larger inductances reduce the peak-
to-peak inductor ripple current, which minimize losses.
Compensation
The MIC5167 has a combination of internal and external
stability compensation to simplify the circuit for small,
high efficiency designs. In such designs, voltage mode
conversion is often the optimum solution. Voltage mode
is achieved by creating an internal 1MHz ramp signal
and using the output of the error amplifier to modulate
the pulse width of the switch node, thereby maintaining
output voltage regulation. With a typical gain bandwidth
of 100-200kHz, the MIC5167 is capable of extremely fast
transient responses.
The MIC5167 is designed to be stable with a typical
application using a 1µH inductor and a 100µF ceramic
(X5R) output capacitor. These values can be varied
dependant upon the tradeoff between size, cost and
efficiency,
keeping
the
LC
natural
frequency
(
C
L
×
π
×
2
1
) ideally less than 26kHz to ensure
stability can be achieved. The minimum recommended
inductor value is 0.4µH and minimum recommended
output capacitor value is 100µF. The tradeoff between
changing these values is that with a larger inductor,
there is a reduced peak-to-peak current which yields a
greater efficiency at lighter loads. A larger output
capacitor will improve transient response by providing a
larger hold up reservoir of energy to the output.
Current Limit
The MIC5167 is protected against overload in two
stages. The first is to limit the current in the P-channel
switch; the second is over temperature shutdown.
Current is limited by measuring the current through the
high-side MOSFET during its power stroke and
immediately switching off the driver when the preset limit
is exceeded.
The circuit in Figure 5 describes the operation of the
current limit circuit. Since the actual RDS(ON) of the P-
Channel MOSFET varies part-to-part, over temperature
and with input voltage, simple IR voltage detection is not
employed. Instead, a smaller copy of the Power
MOSFET (Reference FET) is fed with a constant current
which is a directly proportional to the factory set current
limit. This sets the current limit as a current ratio and
thus, is not dependant upon the RDS(ON) value.  Current
limit is set to nominal value. Variations in the scale factor
K between the Power PFET and the reference PFET
used to generate the limit threshold account for a
relatively small inaccuracy.
SW
PVIN
I LIMIT/K
CONTROL
LOGIC
CLOCK
PVIN
HSD
LSD
PGND
Figure 5. Current-Limit Detail
Thermal Considerations
The MIC5167 is packaged in a MLF
® 4mm x 4mm, a
package that has excellent thermal performance. This
maximizes heat transfer from the junction to the exposed
pad (ePAD) which connects to the ground plane. The
size of the ground plane attached to the exposed pad
determines the overall thermal resistance from the
junction to the ambient air surrounding the printed circuit
board.
Sequencing and Tracking
The MIC5167 provides PG and EN/DLY pins to provide
sequencing and turn on delay capability for connecting
multiple voltage regulators together.
Enable/DLY Pin
The Enable pin contains a trimmed, 1µA current source
which can be used with a capacitor to implement a fixed
desired delay in some sequenced power systems. The
threshold level for power on is 1.24V with a hysteresis of
20mV.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com