Electronic Components Datasheet Search
  English  ▼

X  

MIC5167 Datasheet(PDF) 15 Page - Micrel Semiconductor

Part # MIC5167
Description  1MHz, 6A, Integrated Switch, High-Efficiency, Synchronous Buck DDR Memory Terminator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5167 Datasheet(HTML) 15 Page - Micrel Semiconductor

Back Button MIC5167 Datasheet HTML 11Page - Micrel Semiconductor MIC5167 Datasheet HTML 12Page - Micrel Semiconductor MIC5167 Datasheet HTML 13Page - Micrel Semiconductor MIC5167 Datasheet HTML 14Page - Micrel Semiconductor MIC5167 Datasheet HTML 15Page - Micrel Semiconductor MIC5167 Datasheet HTML 16Page - Micrel Semiconductor MIC5167 Datasheet HTML 17Page - Micrel Semiconductor MIC5167 Datasheet HTML 18Page - Micrel Semiconductor MIC5167 Datasheet HTML 19Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
Micrel, Inc.
MIC5167
January 2012
15
M9999-012312-B
Sequencing Examples
Sequencing and turn on delay of the MIC5167 can be
easily implemented using the PG and EN/DLY pins. The
following diagrams illustrate turn on sequencing and turn
on sequencing with delay.
Figure 6. VTT Turn-On with Delay
Figure 7. VTT Turn-On without Delay



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com