Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 36 Page - Analog Devices

Part # ADP2302
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 36 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 32Page - Analog Devices ADP2302 Datasheet HTML 33Page - Analog Devices ADP2302 Datasheet HTML 34Page - Analog Devices ADP2302 Datasheet HTML 35Page - Analog Devices ADP2302 Datasheet HTML 36Page - Analog Devices ADP2302 Datasheet HTML 37Page - Analog Devices ADP2302 Datasheet HTML 38Page - Analog Devices ADP2302 Datasheet HTML 39Page - Analog Devices ADP2302 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
AD5735
Data Sheet
Rev. B | Page 36 of 48
Software Register
The software register allows the user to perform a software reset of
the part. This register is also used to set the user toggle bit, D11,
in the status register and as part of the watchdog timer feature
when that feature is enabled.
Bit D12 in the software register can be used to ensure that
communication has not been lost between the MCU and the
AD5735 and that the datapath lines are working properly (that
is, SDIN, SCLK, and SYNC).
When the watchdog timer feature is enabled, the user must write
0x195 to Bits[D11:D0] of the software register within the timeout
period. If this command is not received within the timeout period,
the ALERT pin signals a fault condition. This command is only
required when the watchdog timer feature is enabled.
DC-to-DC Control Register
The dc-to-dc control register allows the user to configure the
dc-to-dc switching frequency and phase, as well as the maxi-
mum allowable dc-to-dc output voltage. The dc-to-dc control
register options are shown in Table 27 and Table 28.
Table 25. Programming the Software Register
D15
D14
D13
D12
D11 to D0
1
0
0
User program
Reset code/SPI code
Table 26. Software Register Bit Descriptions
Bit Name
Description
User Program
This bit is mapped to Bit D11 of the status register. When this bit is set to 1, Bit D11 of the status register is set to 1.
When this bit is set to 0, Bit D11 of the status register is also set to 0. This feature can be used to ensure that the SPI
pins are working correctly by writing a known bit value to this register and then reading back Bit D11 from the
status register.
Reset Code/SPI Code
Option
Description
Reset code
Writing 0x555 to Bits[D11:D0] performs a software reset of the AD5735.
SPI code
If the watchdog timer feature is enabled, 0x195 must be written to the software register
(Bits[D11:D0]) within the programmed timeout period (see Table 22).
Table 27. Programming the DC-to-DC Control Register
D15
D14
D13
D12 to D7
D6
D5 to D4
D3 to D2
D1 to D0
0
1
1
X1
DC-DC comp
DC-DC phase
DC-DC freq
DC-DC MaxV
1
X = don’t care.
Table 28. DC-to-DC Control Register Bit Descriptions
Bit Name
Description
DC-DC Comp
Selects the internal compensation resistor or an external compensation resistor for the dc-to-dc converter. See the
DC-to-DC Converter Compensation Capacitors section and the AICC Supply Requirements—Slewing section.
0 = selects the internal 150 kΩ compensation resistor (default).
1 = bypasses the internal compensation resistor. When this bit is set to 1, an external compensation resistor must
be used; this resistor is placed at the COMPDCDC_x pin in series with the 10 nF dc-to-dc compensation capacitor to
ground. Typically, a resistor of ~50 kΩ is recommended.
DC-DC Phase
User-programmable dc-to-dc converter phase (between channels).
00 = all dc-to-dc converters clock on the same edge (default).
01 = Channel A and Channel B clock on the same edge; Channel C and Channel D clock on the opposite edge.
10 = Channel A and Channel C clock on the same edge; Channel B and Channel D clock on the opposite edge.
11 = Channel A, Channel B, Channel C, and Channel D clock 90° out of phase from each other.
DC-DC Freq
Switching frequency for the dc-to-dc converter; this frequency is divided down from the internal 13 MHz oscillator
(see Figure 67 and Figure 68).
00 = 250 kHz ± 10%.
01 = 410 kHz ± 10% (default).
10 = 650 kHz ± 10%.
DC-DC MaxV
Maximum allowed VBOOST_x voltage supplied by the dc-to-dc converter.
00 = 23 V + 1 V/−1.5 V (default).
01 = 24.5 V ± 1 V.
10 = 27 V ± 1 V.
11 = 29.5 V ± 1 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com