Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 18 Page - Analog Devices

Part # ADP2302
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 14Page - Analog Devices ADP2302 Datasheet HTML 15Page - Analog Devices ADP2302 Datasheet HTML 16Page - Analog Devices ADP2302 Datasheet HTML 17Page - Analog Devices ADP2302 Datasheet HTML 18Page - Analog Devices ADP2302 Datasheet HTML 19Page - Analog Devices ADP2302 Datasheet HTML 20Page - Analog Devices ADP2302 Datasheet HTML 21Page - Analog Devices ADP2302 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
AD5735
Data Sheet
Rev. B | Page 18 of 48
15
10
5
0
–5
–10
–15
0
7
8
9
10
5
6
1
2
3
4
TIME (s)
AVDD = +15V
AVSS = –15V
±10V RANGE
TA = 25°C
OUTPUT UNLOADED
Figure 26. Peak-to-Peak Noise (0.1 Hz to 10 Hz Bandwidth)
300
200
100
0
–100
–200
–300
0
7
8
9
10
5
6
1
2
3
4
TIME (µs)
AVDD = +15V
AVSS = –15V
±10V RANGE
TA = 25°C
OUTPUT UNLOADED
Figure 27. Peak-to-Peak Noise (100 kHz Bandwidth)
25
20
15
10
5
0
–5
–10
–15
–20
–25
0
25
50
75
100
125
TIME (µs)
AVDD = +15V
AVSS = –15V
TA = 25°C
Figure 28. Voltage vs. Time on Power-Up
60
40
20
0
–20
–40
–60
–80
–100
–120
–140
0
2
4
6
8
10
TIME (µs)
POC = 1
POC = 0
AVDD = +15V
AVSS = –15V
±10V RANGE
TA = 25°C
INT_ENABLE = 1
Figure 29. Voltage vs. Time on Output Enable
0
–120
–100
–80
–60
–40
–20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVDD = +15V
VBOOST = +15V
AVSS = –15V
TA = 25°C
Figure 30. VOUT_x PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com