Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 44 Page - Analog Devices

Part # ADP2302
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 44 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 40Page - Analog Devices ADP2302 Datasheet HTML 41Page - Analog Devices ADP2302 Datasheet HTML 42Page - Analog Devices ADP2302 Datasheet HTML 43Page - Analog Devices ADP2302 Datasheet HTML 44Page - Analog Devices ADP2302 Datasheet HTML 45Page - Analog Devices ADP2302 Datasheet HTML 46Page - Analog Devices ADP2302 Datasheet HTML 47Page - Analog Devices ADP2302 Datasheet HTML 48Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
AD5735
Data Sheet
Rev. B | Page 44 of 48
Reducing AICC Current Requirements
Two main methods can be used to reduce the AICC current
requirements. One method is to add an external compensation
resistor, and the other is to use slew rate control. These methods
can be used together.
Adding an External Compensation Resistor
A compensation resistor can be placed at the COMPDCDC_x pin
in series with the 10 nF compensation capacitor. A 51 kΩ exter-
nal compensation resistor is recommended. This compensation
increases the slew time of the current output but reduces the AICC
transient current requirements. Figure 80 shows a plot of AICC
current for a 24 mA step through a 1 kΩ load when using a 51 kΩ
compensation resistor. The compensation resistor reduces the
current requirements through smaller loads even further, as
shown in Figure 81.
0
4
12
8
16
24
20
28
32
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
0
0.5
1.0
1.5
2.0
2.5
TIME (ms)
AICC
IOUT
VBOOST
Figure 80. AICC Current vs. Time for 24 mA Step Through 1 kΩ Load
with External 51 kΩ Compensation Resistor
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0mA TO 24mA RANGE
500Ω LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
0
4
12
8
16
24
20
28
32
0
0.5
1.0
1.5
2.0
2.5
TIME (ms)
AICC
IOUT
VBOOST
Figure 81. AICC Current vs. Time for 24 mA Step Through 500 Ω Load
with External 51 kΩ Compensation Resistor
Using Slew Rate Control
Using slew rate control can greatly reduce the current require-
ments of the AVCC supply, as shown in Figure 82.
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
0
4
12
8
16
24
20
28
32
0
1
2
3
4
5
6
TIME (ms)
AICC
IOUT
VBOOST
Figure 82. AICC Current vs. Time for 24 mA Step Through 1 kΩ Load
with Slew Rate Control
When using slew rate control, it is important to remember that
the output cannot slew faster than the dc-to-dc converter. The
dc-to-dc converter slews slowest at higher currents through large
loads (for example, 1 kΩ). The slew rate is also dependent on
the configuration of the dc-to-dc converter. Two examples of
the dc-to-dc converter output slew are shown in Figure 80 and
Figure 81. (VBOOST corresponds to the output voltage of the
dc-to-dc converter.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com