Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 22 Page - Analog Devices

Part # ADP2302
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 18Page - Analog Devices ADP2302 Datasheet HTML 19Page - Analog Devices ADP2302 Datasheet HTML 20Page - Analog Devices ADP2302 Datasheet HTML 21Page - Analog Devices ADP2302 Datasheet HTML 22Page - Analog Devices ADP2302 Datasheet HTML 23Page - Analog Devices ADP2302 Datasheet HTML 24Page - Analog Devices ADP2302 Datasheet HTML 25Page - Analog Devices ADP2302 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 48 page
background image
AD5735
Data Sheet
Rev. B | Page 22 of 48
0
5
10
15
20
25
30
–0.25
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
TIME (ms)
AVCC = 4.5V
AVCC = 5.0V
AVCC = 5.5V
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
Figure 49. Output Current Settling Time with DC-to-DC Converter
over AVCC (See Figure 77)
–10
–8
–6
–4
–2
0
2
4
6
8
10
0
2
4
6
8
10
12
14
TIME (µs)
AVCC = 5V
f
SW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
0mA TO 24mA RANGE
1kΩ LOAD
EXTERNA L RSET
TA = 25°C
20mA OUTPUT
10mA OUTPUT
Figure 50. Output Current, AC-Coupled vs. Time
with DC-to-DC Converter (See Figure 77)
8
7
6
5
4
3
2
1
0
0
5
10
15
20
OUTPUT CURRENT (mA)
0mA TO 24mA RANGE
1kΩ LOAD
fSW = 410kHz
INDUCTOR = 10µH (XAL4040-103)
TA = 25°C
Figure 51. DC-to-DC Converter Headroom vs. Output Current (See Figure 77)
0
–120
–100
–80
–60
–40
–20
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
AVDD = +15V
VBOOST_x = +15V
AVSS = –15V
TA = 25°C
Figure 52. IOUT_x PSRR vs. Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com