Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 25 Page - Analog Devices

Part # ADP2302
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 21Page - Analog Devices ADP2302 Datasheet HTML 22Page - Analog Devices ADP2302 Datasheet HTML 23Page - Analog Devices ADP2302 Datasheet HTML 24Page - Analog Devices ADP2302 Datasheet HTML 25Page - Analog Devices ADP2302 Datasheet HTML 26Page - Analog Devices ADP2302 Datasheet HTML 27Page - Analog Devices ADP2302 Datasheet HTML 28Page - Analog Devices ADP2302 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 48 page
background image
Data Sheet
AD5735
Rev. B | Page 25 of 48
GENERAL
450
400
350
300
250
200
150
100
50
0
0
1
2
3
4
5
SDIN VOLTAGE (V)
DVDD = 5V
TA = 25°C
Figure 64. DICC vs. Logic Input Voltage
10
8
6
4
2
0
–12
–10
–8
–6
–4
–2
10
15
20
25
30
VOLTAGE (V)
AIDD
AISS
TA = 25°C
VOUT = 0V
OUTPUT UNLOADED
Figure 65. Supply Current (AIDD/AISS) vs. Supply Voltage (AVDD/|AVSS|)
8
7
0
1
2
3
4
5
6
VOLTAGE (V)
AIDD
TA = 25°C
IOUT = 0mA
10
15
20
25
30
Figure 66. Supply Current (AIDD) vs. Supply Voltage (AVDD)
13.4
13.3
13.2
13.1
13.0
12.9
12.8
12.7
12.6
–40
–20
0
20
40
60
80
100
TEMPERATURE (°C)
DVDD = 5.5V
Figure 67. Internal Oscillator Frequency vs. Temperature
14.4
14.2
14.0
13.8
13.6
13.4
13.2
13.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
VOLTAGE (V)
TA = 25°C
Figure 68. Internal Oscillator Frequency vs. DVDD Supply Voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com