Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 29 Page - Analog Devices

Part # ADP2302
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 25Page - Analog Devices ADP2302 Datasheet HTML 26Page - Analog Devices ADP2302 Datasheet HTML 27Page - Analog Devices ADP2302 Datasheet HTML 28Page - Analog Devices ADP2302 Datasheet HTML 29Page - Analog Devices ADP2302 Datasheet HTML 30Page - Analog Devices ADP2302 Datasheet HTML 31Page - Analog Devices ADP2302 Datasheet HTML 32Page - Analog Devices ADP2302 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 48 page
background image
Data Sheet
AD5735
Rev. B | Page 29 of 48
POWER-ON STATE OF THE AD5735
On initial power-up of the AD5735, the state of the power-on
reset circuit is dependent on the power-on condition (POC) pin.
•
If POC = 0, both the voltage output and current output
channels power up in tristate mode.
•
If POC = 1, the voltage output channel powers up with
a 30 kΩ pull-down resistor to ground, and the current
output channel powers up in tristate mode.
The output ranges are not enabled, but the default output range
is 0 V to 5 V, and the clear code register is loaded with all 0s.
Therefore, if the user clears the part after power-up, the output
is actively driven to 0 V if the channel has been enabled for clear.
After device power on, or a device reset, it is recommended to
wait 100 μs or more before writing to the device to allow time
for internal calibrations to take place.
SERIAL INTERFACE
The AD5735 is controlled by a versatile 3-wire serial interface
that operates at clock rates of up to 30 MHz and is compatible
with SPI, QSPI, MICROWIRE, and DSP standards. Data coding
is always straight binary.
Input Shift Register
The input shift register is 24 bits wide. Data is loaded into the
device MSB first as a 24-bit word under the control of the serial
clock input, SCLK. Data is clocked in on the falling edge of SCLK.
If packet error checking (PEC) is enabled, an additional eight
bits must be written to the AD5735, creating a 32-bit serial
interface (see the Packet Error Checking section).
The DAC outputs can be updated in one of two ways: individual
DAC updating or simultaneous updating of all DACs.
Individual DAC Updating
To update an individual DAC, LDAC is held low while data is
clocked into the DAC data register. The addressed DAC output
is updated on the rising edge of SYNC. See Table 3 and Figure 3
for timing information.
Simultaneous Updating of All DACs
To update all DACs simultaneously, LDAC is held high while
data is clocked into the DAC data register. After LDAC is taken
high, only the first write to the DAC data register of each channel
is valid; subsequent writes to the DAC data register are ignored,
although these subsequent writes are returned if a readback is
initiated. All DAC outputs are updated by taking LDAC low
after SYNC is taken high.
VOUT_x
DAC
REGISTER
INTERFACE
LOGIC
OUTPUT
AMPLIFIERS
LDAC
SDO
SDIN
12-BIT
DAC
VREFIN
SYNC
DAC DATA
REGISTER
OFFSET
AND GAIN
CALIBRATION
DAC INPUT
REGISTER
SCLK
Figure 72. Simplified Serial Interface of the Input Loading Circuitry
for One DAC Channel
TRANSFER FUNCTION
Table 7 shows the input code to ideal output voltage relationship
for the AD5735 for straight binary data coding of the ±10 V
output range.
Table 7. Input Code to Ideal Output Voltage Relationship
Digital Input
Straight Binary Data Coding
Analog Output
MSB
LSB1
VOUT
1111
1111
1111
XXXX
+2 VREF × (2047/2048)
1111
1111
1110
XXXX
+2 VREF × (2046/2048)
1000
0000
0000
XXXX
0 V
0000
0000
0001
XXXX
−2 VREF × (2047/2048)
0000
0000
0000
XXXX
−2 VREF
1
X = don’t care.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com