Electronic Components Datasheet Search
  English  ▼

X  

ADP2302 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP2302
Description  Quad-Channel, 12-Bit, Serial Input, 4 mA to 20 mA
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP2302 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP2302 Datasheet HTML 10Page - Analog Devices ADP2302 Datasheet HTML 11Page - Analog Devices ADP2302 Datasheet HTML 12Page - Analog Devices ADP2302 Datasheet HTML 13Page - Analog Devices ADP2302 Datasheet HTML 14Page - Analog Devices ADP2302 Datasheet HTML 15Page - Analog Devices ADP2302 Datasheet HTML 16Page - Analog Devices ADP2302 Datasheet HTML 17Page - Analog Devices ADP2302 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
AD5735
Data Sheet
Rev. B | Page 14 of 48
Pin No.
Mnemonic
Description
45
AVCC
Supply for DC-to-DC Circuitry. The voltage range is from 4.5 V to 5.5 V.
46
VBOOST_C
Supply for Channel C Current Output Stage (see Figure 71). This pin is also the supply for the VOUT_C stage,
which is regulated to 15 V by the dc-to-dc converter. To use the dc-to-dc converter, connect this pin as
shown in Figure 77.
47
IOUT_C
Current Output Pin for DAC Channel C.
48
COMPDCDC_C
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel C dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin. For more information, see the DC-to-DC
Converter Compensation Capacitors section and the AICC Supply Requirements—Slewing section.
49
VOUT_C
Buffered Analog Output Voltage for DAC Channel C.
50
+VSENSE_C
Sense Connection for the Positive Voltage Output Load Connection for VOUT_C. The difference in voltage
between this pin and the VOUT_C pin is added directly to the headroom requirement.
51
−VSENSE_C
Sense Connection for the Negative Voltage Output Load Connection for VOUT_C. This pin must stay within
±3.0 V of AGND for specified operation.
52
COMPLV_C
Optional Compensation Capacitor Connection for VOUT_C Output Buffer. Connecting a 220 pF capacitor
between this pin and the VOUT_C pin allows the voltage output to drive up to 2 µF. Note that the addition
of this capacitor reduces the bandwidth of the output amplifier, increasing the settling time.
53
AVSS
Negative Analog Supply Pin. The voltage range is from −10.8 V to −26.4 V.
54
IOUT_D
Current Output Pin for DAC Channel D.
55
VOUT_D
Buffered Analog Output Voltage for DAC Channel D.
56
VBOOST_D
Supply for Channel D Current Output Stage (see Figure 71). This pin is also the supply for the VOUT_D stage,
which is regulated to 15 V by the dc-to-dc converter. To use the dc-to-dc converter, connect this pin as
shown in Figure 77.
57
COMPDCDC_D
DC-to-DC Compensation Capacitor. Connect a 10 nF capacitor from this pin to ground. Used to regulate the
feedback loop of the Channel D dc-to-dc converter. Alternatively, if using an external compensation resistor,
place a resistor in series with a capacitor to ground from this pin. For more information, see the DC-to-DC
Converter Compensation Capacitors section and the AICC Supply Requirements—Slewing section.
58
+VSENSE_D
Sense Connection for the Positive Voltage Output Load Connection for VOUT_D. The difference in voltage
between this pin and the VOUT_D pin is added directly to the headroom requirement.
59
−VSENSE_D
Sense Connection for the Negative Voltage Output Load Connection for VOUT_D. This pin must stay within
±3.0 V of AGND for specified operation.
60
COMPLV_D
Optional Compensation Capacitor Connection for VOUT_D Output Buffer. Connecting a 220 pF capacitor
between this pin and the VOUT_D pin allows the voltage output to drive up to 2 µF. Note that the addition
of this capacitor reduces the bandwidth of the output amplifier, increasing the settling time.
61
REFIN
External Reference Voltage Input.
62
REFOUT
Internal Reference Voltage Output. It is recommended that a 0.1 µF capacitor be placed between REFOUT
and REFGND.
63
RSET_D
An external, precision, low drift, 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_D temperature drift performance. For more information, see the External Current Setting Resistor section.
64
RSET_C
An external, precision, low drift, 15 kΩ current setting resistor can be connected to this pin to improve the
IOUT_C temperature drift performance. For more information, see the External Current Setting Resistor section.
EPAD
Exposed Pad. The exposed paddle should be connected to the potential of the AVSS pin, or, alternatively,
it can be left electrically unconnected. It is recommended that the paddle be thermally connected to a
copper plane for enhanced thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com