Electronic Components Datasheet Search
  English  ▼

X  

ADIS16480 Datasheet(PDF) 32 Page - Analog Devices

Part # ADIS16480
Description  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480 Datasheet(HTML) 32 Page - Analog Devices

Back Button ADIS16480 Datasheet HTML 28Page - Analog Devices ADIS16480 Datasheet HTML 29Page - Analog Devices ADIS16480 Datasheet HTML 30Page - Analog Devices ADIS16480 Datasheet HTML 31Page - Analog Devices ADIS16480 Datasheet HTML 32Page - Analog Devices ADIS16480 Datasheet HTML 33Page - Analog Devices ADIS16480 Datasheet HTML 34Page - Analog Devices ADIS16480 Datasheet HTML 35Page - Analog Devices ADIS16480 Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
ADIS16480
Data Sheet
Rev. 0 | Page 32 of 40
Hard Iron Correction
Table 116, Table 117, and Table 118 describe the register format
for the hard iron correction factors: HX, HY, and HZ. These
registers use a twos complement format. Table 119 provides
some numerical examples for converting the digital codes
for these registers into their decimal equivalents.
Table 116. HARD_IRON_X (Page 2, Base Address = 0x28)
Bits
Description (Default = 0x0000)
[15:0]
X-axis magnetometer hard iron correction factor, HX
Twos complement, ±3.2767 gauss range,
0.1 mgauss/LSB, 0 gauss = 0x0000 (see Table 119)
Table 117. HARD_IRON_Y (Page 2, Base Address = 0x2A)
Bits
Description (Default = 0x0000)
[15:0]
Y-axis magnetometer hard iron correction factor, HY
Twos complement, ±3.2767 gauss range,
0.1 mgauss/LSB, 0 gauss = 0x0000 (see Table 119)
Table 118. HARD_IRON_Z (Page 2, Base Address = 0x2C)
Bits
Description (Default = 0x0000)
[15:0]
Z-axis magnetometer hard iron correction factor, Hz
Twos complement, ±3.2767 gauss range,
0.1 mgauss/LSB, 0 gauss = 0x0000 (see Table 119)
Table 119. HARD_IRON_x Data Format Examples
Magnetic Field
Decimal
Hex
Binary
+3.2767 gauss
+32,767
0x7FFF
0111 1111 1111 1111
+0.2 mgauss
+2
0x0002
0000 0000 0000 0010
+0.1 mgauss
+1
0x0001
0000 0000 0000 0001
0 gauss
0
0x0000
0000 0000 0000 0000
−0.1 mgauss
−1
0xFFFF
1111 1111 1111 1111
−0.2 mgauss
−2
0xFFFE
1111 1111 1111 1110
−3.2768 gauss
−32,768
0x8000
1000 0000 0000 0000
Soft Iron Correction Matrix
The soft iron correction matrix contains correction factors for
both sensitivity (S11, S22, S33) and alignment (S12, S13, S21, S23, S31,
S32). The registers that represent each soft iron correction factor
are in Table 120 (S11), Table 121 (S12), Table 122 (S13), Table 123
(S21), Table 124 (S22), Table 125 (S23), Table 126 (S31), Table 127
(S32), and Table 128 (S33). Table 129 offers some numerical
examples for converting between the digital codes and their
effect on the magnetometer output, in terms of percent-change.
Table 120. SOFT_IRON_S11 (Page 2, Base Address = 0x2E)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S11
Twos complement format, see Table 129 for examples
Table 121. SOFT_IRON_S12 (Page 2, Base Address = 0x30)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S12
Twos complement format, see Table 129 for examples
Table 122. SOFT_IRON_S13 (Page 2, Base Address = 0x32)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S13
Twos complement format, see Table 129 for examples
Table 123. SOFT_IRON_S21 (Page 2, Base Address = 0x34)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S21
Twos complement format, see Table 129 for examples
Table 124. SOFT_IRON_S22 (Page 2, Base Address = 0x36)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S22
Twos complement format, see Table 129 for examples
Table 125. SOFT_IRON_S23 (Page 2, Base Address = 0x38)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S23
Twos complement format, see Table 129 for examples
Table 126. SOFT_IRON_S31 (Page 2, Base Address = 0x3A)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S31
Twos complement format, see Table 129 for examples
Table 127. SOFT_IRON_S32 (Page 2, Base Address = 0x3C)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S32
Twos complement format, see Table 129 for examples
Table 128. SOFT_IRON_S33 (Page 2, Base Address = 0x3E)
Bits
Description (Default = 0x0000)
[15:0]
Magnetometer soft iron correction factor, S33
Twos complement format, see Table 129 for examples
Table 129. Soft Iron Correction, Numerical Examples
Delta (%)
Decimal
Hex
Binary
+100 – 1/216
+32,767
0x7FFF
0111 1111 1111 1111
+200/215
+2
0x0002
0000 0000 0000 0010
+100/215
+1
0x0001
0000 0000 0000 0001
0
0
0x0000
0000 0000 0000 0000
−100/215
−1
0xFFFF
1111 1111 1111 1111
−200/215
−2
0xFFFE
1111 1111 1111 1110
−100
−32,768
0x8000
1000 0000 0000 0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com