Electronic Components Datasheet Search
  English  ▼

X  

ADIS16480 Datasheet(PDF) 10 Page - Analog Devices

Part # ADIS16480
Description  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADIS16480 Datasheet HTML 6Page - Analog Devices ADIS16480 Datasheet HTML 7Page - Analog Devices ADIS16480 Datasheet HTML 8Page - Analog Devices ADIS16480 Datasheet HTML 9Page - Analog Devices ADIS16480 Datasheet HTML 10Page - Analog Devices ADIS16480 Datasheet HTML 11Page - Analog Devices ADIS16480 Datasheet HTML 12Page - Analog Devices ADIS16480 Datasheet HTML 13Page - Analog Devices ADIS16480 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 40 page
background image
ADIS16480
Data Sheet
Rev. 0 | Page 10 of 40
BASIC OPERATION
The ADIS16480 is an autonomous sensor system that starts up
on its own when it has a valid power supply. After running through
its initialization process, it begins sampling, processing, and
loading calibrated sensor data into the output registers, which
are accessible using the SPI port. The SPI port typically connects to
a compatible port on an embedded processor, using the connection
diagram in Figure 11. The four SPI signals facilitate synchronous,
serial data communication. Connect RST (see Table 5) to VDD
or leave it open for normal operation. The factory default
configuration provides users with a data-ready signal on the
DIO2 pin, which pulses high when new data is available in
the output data registers.
SYSTEM
PROCESSOR
SPI MASTER
SCLK
CS
DIN
DOUT
SCLK
SS
MOSI
MISO
+3.3V
IRQ
DIO2
VDD
I/O LINES ARE COMPATIBLE WITH
3.3V LOGIC LEVELS
10
6
3
5
4
9
11
12
23
13
14
15
ADIS16480
Figure 11. Electrical Connection Diagram
Table 6. Generic Master Processor Pin Names and Functions
Mnemonic
Function
SS
Slave select
IRQ
Interrupt request
MOSI
Master output, slave input
MISO
Master input, slave output
SCLK
Serial clock
Embedded processors typically use control registers to configure
their serial ports for communicating with SPI slave devices
such as the ADIS16480. Table 7 provides a list of settings, which
describe the SPI protocol of the ADIS16480. The initialization
routine of the master processor typically establishes these settings
using firmware commands to write them into its serial control
registers.
Table 7. Generic Master Processor SPI Settings
Processor Setting
Description
Master
The ADIS16480 operates as a slave
SCLK ≤ 15 MHz
Maximum serial clock rate
SPI Mode 3
CPOL = 1 (polarity), and CPHA = 1 (phase)
MSB-First Mode
Bit sequence
16-Bit Mode
Shift register/data length
REGISTER STRUCTURE
The register structure and SPI port provide a bridge between
the sensor processing system and an external, master processor.
It contains both output data and control registers. The output
data registers include the latest sensor data, a real-time clock, error
flags, alarm flags, and identification data. The control registers
include sample rate, filtering, input/output, alarms, calibration,
EKF tuning, and diagnostic configuration options. All
communication between the ADIS16480 and an external
processor involves either reading or writing to one of the user
registers.
DSP
OUTPUT
REGISTERS
CONTROL
REGISTERS
TRIAXIS
GYRO
TRIAXIS
MAGN
BARO
TEMP
SENSOR
CONTROLLER
TRIAXIS
ACCEL
Figure 12. Basic Operation
The register structure uses a paged addressing scheme that is
composed of 13 pages, with each one containing 64 register
locations. Each register is 16 bits wide, with each byte having
its own unique address within that page’s memory map. The SPI
port has access to one page at a time, using the bit sequence in
Figure 17. Select the page to activate for SPI access by writing
its code to the PAGE_ID register. Read the PAGE_ID register
to determine which page is currently active. Table 8 displays the
PAGE_ID contents for each page, along with their basic functions.
The PAGE_ID register is located at Address 0x00 on every page.
Table 8. User Register Page Assignments
Page
PAGE_ID
Function
0
0x00
Output data, clock, identification
1
0x01
Reserved
2
0x02
Calibration
3
0x03
Control: sample rate, filtering, I/O, alarms
4
0x04
Serial number
5
0x05
FIR Filter Bank A Coefficient 0 to Coefficient 59
6
0x06
FIR Filter Bank A, Coefficient 60 to Coefficient 119
7
0x07
FIR Filter Bank B, Coefficient 0 to Coefficient 59
8
0x08
FIR Filter Bank B, Coefficient 60 to Coefficient 119
9
0x09
FIR Filter Bank C, Coefficient 0 to Coefficient 59
10
0x0A
FIR Filter Bank C, Coefficient 60 to Coefficient 119
11
0x0B
FIR Filter Bank D, Coefficient 0 to Coefficient 59
12
0x0C
FIR Filter Bank D, Coefficient 60 to Coefficient 119



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com