Electronic Components Datasheet Search
  English  ▼

X  

ADIS16480 Datasheet(PDF) 39 Page - Analog Devices

Part # ADIS16480
Description  Ten Degrees of Freedom Inertial Sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16480 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADIS16480 Datasheet HTML 32Page - Analog Devices ADIS16480 Datasheet HTML 33Page - Analog Devices ADIS16480 Datasheet HTML 34Page - Analog Devices ADIS16480 Datasheet HTML 35Page - Analog Devices ADIS16480 Datasheet HTML 36Page - Analog Devices ADIS16480 Datasheet HTML 37Page - Analog Devices ADIS16480 Datasheet HTML 38Page - Analog Devices ADIS16480 Datasheet HTML 39Page - Analog Devices ADIS16480 Datasheet HTML 40Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 39 / 40 page
background image
Data Sheet
ADIS16480
Rev. 0 | Page 39 of 40
APPLICATIONS INFORMATION
PROTOTYPE INTERFACE BOARD
The ADIS16480/PCBZ includes one ADIS16480AMLZ,
one interface printed circuit board (PCB), and four M2 × 0.4 ×
18 mm machine screws. The interface PCB provides four
holes for ADIS16480AMLZ attachment and four larger holes
for attaching the interface PCB to another surface. The
ADIS16480AMLZ attachment holes are pre-tapped for M2 ×
0.4 mm machine screws and the four larger holes, located in
each corner, support attachment with M2.5 or #4 machine
screws. J1 is a dual row, 2 mm (pitch) connector that works with
a number of ribbon cable systems, including 3M Part Number
152212-0100-GB (ribbon crimp connector) and 3M Part Number
3625/12 (ribbon cable). Note that J1 has 16 pads but currently
uses a 12-pin connector. The extra pins accommodate future
evaluation system plans.
Figure 28 provides the pin assignments for J1. The pin
descriptions match those listed in Table 5. The C1 and C2
locations provide solder pads for extra capacitors, which
can provide additional filtering for start-up transients and
supply noise.
ADIS16480
MOUNTING
HOLES
6.35mm
58.42mm
64.77mm
1.65mm
11.30mm
Figure 27. Physical Diagram for the ADIS16480/PCBZ
1
RST
2SCLK
3
CS
4DOUT
5
DNC
6DIN
7
GND
8GND
9
GND
10
VDD
11
VDD
12
VDD
13
DIO1
14
DIO2
15
DIO3
16
DIO4
J1
Figure 28. ADIS16480/PCBZ J1 Pin Assignments
INSTALLATION TIPS
Figure 29 and Figure 30 provide the mechanical design
information used for the ADIS16480/PCBZ. Use these
figures when implementing a connector-down approach,
where the mating connector and the ADIS16480AMLZ are on
the same surface. When designing a connector-up system, use
the mounting holes shown in Figure 29 as a guide in designing
the bulkhead mounting system and use Figure 30 as a guide in
developing the mating connector interface on a flexible circuit
or other connector system. The suggested torque setting for the
attachment hardware is 40 inch-ounces, or 0.2825 N-m.
0.560 BSC 2×
ALIGNMENT HOLES
FOR MATING SOCKET
2.500 BSC 4×
19.800 BSC
39.600 BSC
5 BSC
5 BSC
NOTES
1. ALL DIMENSIONS IN mm UNITS.
Figure 29. Suggested Mounting Hole Locations, Connector Down
0.4334 [11.0]
0.0240 [0.610]
0.019685
[0.5000]
(TYP)
0.054 [1.37]
0.0394 [1.00]
0.0394 [1.00]
0.1800
[4.57]
NONPLATED
THRU HOLE 2×
0.022±
DIA (TYP)
0.022 DIA THRU HOLE (TYP)
NONPLATED THRU HOLE
Figure 30. Suggested Layout and Mechanical Design for the Mating Connector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com