Electronic Components Datasheet Search
  English  ▼

X  

ADM1075 Datasheet(PDF) 37 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 37 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 33Page - Analog Devices ADM1075 Datasheet HTML 34Page - Analog Devices ADM1075 Datasheet HTML 35Page - Analog Devices ADM1075 Datasheet HTML 36Page - Analog Devices ADM1075 Datasheet HTML 37Page - Analog Devices ADM1075 Datasheet HTML 38Page - Analog Devices ADM1075 Datasheet HTML 39Page - Analog Devices ADM1075 Datasheet HTML 40Page - Analog Devices ADM1075 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 37 of 52
SMBus ALERT RESPONSE ADDRESS
The SMBus alert response address (ARA) is a special address
that can be used by the bus host to locate any devices that need
to talk to it. A host typically uses a hardware interrupt pin to
monitor the SMBus alert pins of a number of devices. When the
host interrupt occurs, the host issues a message on the bus using
the SMBus receive byte or receive byte with PEC protocol.
The special address used by the host is 0x0C. Any devices that
have an SMBAlert signal return their own 7-bit address as the
seven MSBs of the data byte. The LSB value is not used and can
be either 1 or 0. The host reads the device address from the
received data byte and proceeds to handle the alert condition.
More than one device may have an active SMBAlert signal and
attempt to communicate with the host. In this case, the device
with the lowest address dominates the bus and succeeds in
transmitting its address to the host. The device that succeeds
disables its SMBusAlert signal. If the host sees that the SMBus
alert signal is still low, it continues to read addresses until all
devices that need to talk to it have successfully transmitted their
addresses.
EXAMPLE USE OF SMBus ALERT RESPONSE
ADDRESS
The full sequence of steps that occurs when an SMBAlert is
generated and cleared is as follows:
1.
A fault or warning is enabled using the ALERT1_CONFIG
command, and the corresponding status bit for the fault or
warning goes from 0 to 1, indicating that the fault/warning
has just become active.
2.
The GPO1/ALERT1/CONV or GPO2/ALERT2 pin
becomes active (low) to signal that an SMBAlert is active.
3.
The host processor issues an SMBus alert response address
to determine which device has an active alert.
4.
If there are no other active alerts from devices with lower
I2C addresses, this device makes the GPO1/ALERT1/CONV
or GPO2/ALERT2 pin inactive (high) during the NACK
bit period after it sends its address to the host processor.
5.
If the GPO1/ALERT1/CONV or GPO2/ALERT2 pin stays
low, the host processor must continue to issue SMBus alert
response address commands to devices to find out the
addresses of all devices whose status it must check.
6.
The ADM1075 continues to operate with the GPO1/ALERT1/
CONV or GPO2/ALERT2 pin inactive and the contents of
the status bytes unchanged until the host reads the status
bytes and clears them, or until a new fault occurs. That is, if
a status bit for a fault/warning that is enabled on the
GPO1/ALERT1/CONV or GPO2/ALERT2 pin and that
was not already active (equal to 1) goes from 0 to 1, a new
alert is generated, causing the GPO1/ALERT1/CONV or
GPO2/ALERT2 pin to become active again.
DIGITAL COMPARATOR MODE
The GPO1/ALERT1/CONV and GPO2/ALERT2 pins can be
configured to indicate if a user defined threshold for voltage,
current, or power is being exceeded. In this mode, the output
pin is live and is not latched when a warning threshold is
exceeded. In effect, the pin acts as a digital comparator where
the threshold is set using the warning limit threshold commands.
The ALERTx_CONFIG command is used, as for the SMBAlert
configuration, to select the specific warning threshold to be
monitored. The GPO1/ALERT1/CONV or GPO2/ALERT2 pin
then indicates if the measured value is above or below the
threshold.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com