Electronic Components Datasheet Search
  English  ▼

X  

ADM1075 Datasheet(PDF) 46 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 46 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 42Page - Analog Devices ADM1075 Datasheet HTML 43Page - Analog Devices ADM1075 Datasheet HTML 44Page - Analog Devices ADM1075 Datasheet HTML 45Page - Analog Devices ADM1075 Datasheet HTML 46Page - Analog Devices ADM1075 Datasheet HTML 47Page - Analog Devices ADM1075 Datasheet HTML 48Page - Analog Devices ADM1075 Datasheet HTML 49Page - Analog Devices ADM1075 Datasheet HTML 50Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
ADM1075
Data Sheet
Rev. A | Page 46 of 52
ALERT1 CONFIGURATION REGISTER
Address: 0xD5, Reset: 0x8000, Name: ALERT1_CONFIG
Table 33. Bit Descriptions for ALERT1_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
15
FET_HEALTH_BAD_EN1
0x1
RW
0
Disables generation of SMBAlert when the FET_HEALTH_BAD bit
is set.
1
Default. Generates SMBAlert when the FET_HEALTH_BAD bit is
set. This bit is active from power-up so that a FET problem can be
detected and flagged immediately without the need for software
to set this bit.
14
IOUT_OC_FAULT_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the
IOUT_OC_FAULT bit is set.
1
Generates SMBAlert when the IOUT_OC_FAULT bit is set.
13
VIN_OV_FAULT_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the
VIN_OV_FAULT bit is set.
1
Generates SMBAlert when the VIN_OV_FAULT bit is set.
12
VIN_UV_FAULT_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the
VIN_UV_FAULT bit is set.
1
Generates SMBAlert when the VIN_UV_FAULT bit is set.
11
CML_ERROR_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the CML_FAULT
bit is set.
1
Generates SMBAlert when the CML_ FAULT bit is set.
10
IOUT_OC_WARN_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the
IOUT_OC_WARN bit is set.
1
Generates SMBAlert when the IOUT_OC_WARN bit is set.
9
IOUT_WARN2_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the IOUT_WARN2
bit is set.
1
Generates SMBAlert when the IOUT_WARN2 bit is set.
8
VIN_OV_WARN_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the
VIN_OV_WARN bit is set.
1
Generates SMBAlert when the VIN_OV_WARN bit is set.
7
VIN_UV_WARN_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the
VIN_UV_WARN bit is set.
1
Generates SMBAlert when the VIN_UV_WARN bit is set.
6
VAUX_OV_WARN_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the
VAUX_OV_WARN bit is set.
1
Generates SMBAlert when the VAUX_OV_WARN bit is set.
5
VAUX_UV_WARN_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the
VAUX_UV_WARN bit is set.
1
Generates SMBAlert when the VAUX_UV_WARN bit is set.
4
HS_INLIM_EN1
0x0
RW
0
Default. Disables generation of SMBAlert when the
HS_INLIM_FAULT bit is set.
1
Generates SMBAlert when the HS_INLIM_FAULT bit is set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com