Electronic Components Datasheet Search
  English  ▼

X  

ADM1075 Datasheet(PDF) 27 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 27 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 23Page - Analog Devices ADM1075 Datasheet HTML 24Page - Analog Devices ADM1075 Datasheet HTML 25Page - Analog Devices ADM1075 Datasheet HTML 26Page - Analog Devices ADM1075 Datasheet HTML 27Page - Analog Devices ADM1075 Datasheet HTML 28Page - Analog Devices ADM1075 Datasheet HTML 29Page - Analog Devices ADM1075 Datasheet HTML 30Page - Analog Devices ADM1075 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 27 of 52
be powered from the secondary side and can provide power
across the isolation barrier via the integrated dc-to-dc
converter. Therefore, the ADuM5404 can be used to power the
primary side of the ADuM1250 if both are used on the board.
Some extra care is required if using the ADuM5404 to power
the ADuM3200. If the power at the secondary side is enabled by
the ADM1075, the isoPower solution may not work. Because
isoPower is unpowered in this case, the ADuM3200 outputs are
in an undefined state. If the SHDN input comes from the
, it may be held low, and the
never turns
on the FET or enables power at the secondary side.
ADuM3200
ADM1075
If a voltage rail is available on the primary side (3.3 V or 5 V
referenced to VEE), that can be used to power the chip directly.
Otherwise, the ADM1075 shunt voltage and/or the −48 V
supply can be regulated down to power the part. A simple
emitter follower circuit achieves this, as shown in Figure 54.
12V (SHUNT)
–48V RTN
–48V
–48V
5V AUX
20kΩ
1kΩ
0.33W
1µF
20k
6V
isoPower uses high frequency switching elements to transfer
power through its transformer. Special precautions must be
taken during printed circuit board (PCB) layout to meet
emissions standards. See the AN-0971 Application Note for
board layout recommendations.
Figure 54. Powering iCoupler from −48 V Supply
Powering the
iCouplers from the secondary side is usually
straightforward because there is often a suitable voltage rail
available. However, there is not always a suitable voltage rail
available on the primary side (−48 V side). If the ADuM5404 is
not used on the system, the ADuM1250 can be powered on the
primary side in a number of different ways.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com