Electronic Components Datasheet Search
  English  ▼

X  

ADM1075 Datasheet(PDF) 45 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 45 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 41Page - Analog Devices ADM1075 Datasheet HTML 42Page - Analog Devices ADM1075 Datasheet HTML 43Page - Analog Devices ADM1075 Datasheet HTML 44Page - Analog Devices ADM1075 Datasheet HTML 45Page - Analog Devices ADM1075 Datasheet HTML 46Page - Analog Devices ADM1075 Datasheet HTML 47Page - Analog Devices ADM1075 Datasheet HTML 48Page - Analog Devices ADM1075 Datasheet HTML 49Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 45 of 52
PEAK VIN REGISTER
Address: 0xD1, Reset: 0x0000, Name: PEAK_VIN (writing 0x0000 clears the peak value)
Table 29. Bit Descriptions for PEAK_VIN
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
RESERVED
Always reads as 0000.
0x0
R
[11:0]
PEAK_VIN
Returns the peak VIN voltage since the register was last cleared.
0x0
R
PEAK VAUX REGISTER
Address: 0xD2, Reset: 0x0000, Name: PEAK_VAUX (writing 0x0000 clears the peak value)
Table 30. Bit Descriptions for PEAK_VAUX
Bits
Bit Name
Settings
Description
Reset
Access
[15:12]
RESERVED
Always reads as 0000.
0x0
R
[11:0]
PEAK_VAUX
Returns the peak VAUX voltage since the register was last cleared.
0x0
R
POWER MONITOR CONTROL REGISTER
Address: 0xD3, Reset: 0x01, Name: PMON_CONTROL
Table 31. Bit Descriptions for PMON_CONTROL
Bits
Bit Name
Settings
Description
Reset
Access
[7:1]
RESERVED
Always reads as 0000000.
0x0
R
0
CONVERT
0x1
RW
0
Power monitor is not running.
1
Default. Starts the sampling of current and voltage with the power
monitor. In single-shot mode, this bit clears itself after one complete cycle.
In continuous mode, this bit must be written to 0 to stop sampling.
POWER MONITOR CONFIGURATION REGISTER
Address: 0xD4, Reset: 0x8F, Name: PMON_CONFIG
Table 32. Bit Descriptions for PMON_CONFIG
Bits
Bit Name
Settings
Description
Reset
Access
7
PMON_MODE
0x1
RW
0
This setting selects single-shot sampling mode.
1
Default. This setting selects continuous sampling mode.
6
VAUX_ENABLE
0x0
RW
0
Default. The power monitor samples the input voltage on ADC_V and
IOUT.
1
The power monitor also samples the voltage on the ADC_AUX pin.
5
RESERVED
Always reads as 0.
0x0
R
[4:3]
IRANGE
0x1 or
0x2
R
00
Reserved.
01
Sets current sense range to 25 mV. Default for ADM1075-1.
10
Sets current sense range to 50 mV. Default for ADM1075-2.
11
Reserved.
[2:0]
AVERAGING
0x7
RW
000
Disables sample averaging for current and voltage.
001
Sets sample averaging for current and voltage to two samples.
010
Sets sample averaging for current and voltage to four samples.
011
Sets sample averaging for current and voltage to eight samples.
100
Sets sample averaging for current and voltage to 16 samples.
101
Sets sample averaging for current and voltage to 32 samples.
110
Sets sample averaging for current and voltage to 64 samples.
111
Default. Sets sample averaging for current and voltage to 128 samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com