Electronic Components Datasheet Search
  English  ▼

X  

ADM1075 Datasheet(PDF) 22 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 18Page - Analog Devices ADM1075 Datasheet HTML 19Page - Analog Devices ADM1075 Datasheet HTML 20Page - Analog Devices ADM1075 Datasheet HTML 21Page - Analog Devices ADM1075 Datasheet HTML 22Page - Analog Devices ADM1075 Datasheet HTML 23Page - Analog Devices ADM1075 Datasheet HTML 24Page - Analog Devices ADM1075 Datasheet HTML 25Page - Analog Devices ADM1075 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
ADM1075
Data Sheet
Rev. A | Page 22 of 52
SS
FLB
ISET
1V
0.1V
V
t
CURRENT LIMIT
REFERENCE
Figure 47. Interaction of Soft Start, Foldback, and ISET Current Limits
SETTING THE CURRENT LIMIT (ISET)
The maximum current limit is partially determined by selecting
a sense resistor to match the current sense voltage limit on the
controller for the desired load current. However, as currents
become larger, the sense resistor value becomes smaller and
resolution can be difficult to achieve when selecting the appropri-
ate sense resistor value. The ADM1075 provides an adjustable
sense voltage limit to deal with this issue. The device allows the
user to program the required current sense voltage limit from
15 mV to 25 mV for the ADM1075-1 and from 30 mV to 50 mV
for the ADM1075-2.
The default value of 20 mV/40 mV is achieved by connecting
the ISET pin directly to the VCAP pin (VCAP > 1.65 V ISET
reference select threshold). This configures the device to use an
internal 1 V reference, which equates to 20 mV/40 mV at the
sense inputs (see Figure 48(a)).
ADM1075
(PARTIAL)
VCAP
ISET
C1
VEE
VEE
(A)
(B)
VCAP
ISET
C1
R1
R2
ADM1075
(PARTIAL)
Figure 48. (a) Fixed 20 mV/40 mV Current Sense Limit
(b) Adjustable 15 mV to 50 mV Current Sense Limit
To set the sense voltage in the 15 mV to 50 mV range, a resistor
divider is used to apply a reference voltage to the ISET pin (see
Figure 48(b)). The VCAP pin has a 2.7 V internally generated
voltage that can be used to set a voltage at the ISET pin.
Assuming VISET equals the voltage on the ISET pin, the resistor
divider should be sized to set the ISET voltage as follows:
VISET = (VSENSE × 50) for ADM1075-1 or
VISET = (VSENSE × 25) for ADM1075-2
where VSENSE is the sense voltage limit. The VCAP rail can also
be used as the pull-up supply for setting the I2C address. The
VCAP pin should not be used for any other purpose. To
guarantee accuracy specifications, care must be taken to not
load the VCAP pin by more than 100 μA.
SOFT START
A capacitor connected to the SS pin determines the inrush
current profile. Before the FET is enabled, the output voltage of
the current limit reference selector block is clamped at 100 mV.
This, in turn, holds the current limit reference at approximately
2 mV for the ADM1075-1 or 4 mV for the ADM1075-2. When
the FET is requested to turn on, the SS pin is held at ground
until the voltage between the SENSE+ and SENSE− pins
(VSENSE) reaches the circuit breaker voltage, VCB.
VCB = VSENSECL − VCBOS
When the load current generates a sense voltage equal to VCB, a
10 μA current source is enabled, which charges the SS capacitor
and results in a linear ramping voltage on the SS pin. The
current limit reference also ramps up accordingly, allowing the
regulated load current to ramp up, while avoiding sudden
transients during power-up. The SS capacitor value is given by
ISET
SS
SS
V
t
I
C
×
=
where
ISS = 10 μA, and t is the SS ramp time.
For example, a 10 nF capacitor gives a soft start time of 1 ms.
Note that the SS voltage may intersect with the PLIM or
foldback (FLB) voltage, and the current limit reference may
change to follow PLIM (see Figure 47). This has minimal
impact on startup because the output voltage rises at a similar
rate to SS.
CONSTANT POWER FOLDBACK (PLIM)
Foldback is a method that actively reduces the current limit as
the voltage drop across the FET increases. It keeps the power
across the FET below the programmed value during power-up,
overcurrent, or short-circuit events. This allows a smaller FET
to be used, resulting in significant cost savings. The foldback
method employed is a constant power foldback scheme, meaning
power in the FET is held constant regardless of the VDS of the
FET. This simplifies the task of ensuring that the FET is always
operating within the SOA region.
The ADM1075 detects the voltage drop across the FET by
monitoring the voltage on the drain of the FET (via the PLIM
pin). The device relies on the principle that the source of the
FET is at the most negative expected supply voltage, and the
magnitude of the drain voltage is relative to that of the VDS of
the FET. Using a resistor divider from the drain of the FET to



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com