Electronic Components Datasheet Search
  English  ▼

X  

ADM1075 Datasheet(PDF) 23 Page - Analog Devices

Part # ADM1075
Description  ??8 V Hot Swap Controller and Digital
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1075 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADM1075 Datasheet HTML 19Page - Analog Devices ADM1075 Datasheet HTML 20Page - Analog Devices ADM1075 Datasheet HTML 21Page - Analog Devices ADM1075 Datasheet HTML 22Page - Analog Devices ADM1075 Datasheet HTML 23Page - Analog Devices ADM1075 Datasheet HTML 24Page - Analog Devices ADM1075 Datasheet HTML 25Page - Analog Devices ADM1075 Datasheet HTML 26Page - Analog Devices ADM1075 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 52 page
background image
Data Sheet
ADM1075
Rev. A | Page 23 of 52
the PLIM pin, the relationship of VDS to VPLIM can be controlled.
The foldback voltage, VFLB, is the input to the current limit
reference selector block and is defined as
VFLB = 0.1/VPLIM
The resistor divider should be designed to generate a VFLB
voltage equal to ISET when the VDS of the FET (and thus VPLIM)
rises above the desired power level. If ISET = 1 V, VPLIM needs to
be 0.1 V at the point where constant power takes over (VFLB =
ISET). For example, to generate a 200 W constant power limit at
10 A current limit, the maximum VDS is required to be 20 V at
the current limit. Therefore, the resistor divider must be 200:1
to generate a 0.1 V PLIM voltage at VDS = 20 V. As VPLIM
continues to increase, the current limit reference follows VFLB
because it is now the lowest voltage input to the current limit
reference selector block. This results in a reduction of the
current limit, and, therefore, the regulated load current. To
prevent complete current flow restriction, a clamp becomes
active when the current limit reference reaches 100 mV. The
current limit cannot drop below this level. This 200 W constant
power example is illustrated in terms of FET SOA and real
scope plots in Figure 49 and Figure 50.
When VFLB has control of the current limit reference, the
regulation current through the FET is
ID = VFLB/(Gain × RSENSE)
where
ID is the external FET drain current, and Gain is the sense
amplifier gain.
ID = 0.1/(VPLIM × Gain × RSENSE)
ID = 0.1/(VDS × D × Gain × RSENSE)
where
D is the resistor divider factor on PLIM.
Therefore, the FET power is calculated as
PFET = ID × VDS = 0.1/(D × Gain × RSENSE)
Because PFET does not have any dependency on VDS, it remains
constant. Therefore, the FET power for a given system can be
set by adjusting the divider (D) driving the PLIM pin.
The limits to the constant power system are when VFLB > ISET (or
1 V if VISET > VISETRSTH) or when VFLB < 100 mV (100 mV max
clamp on VCLREF). With an ISET voltage of 1 V, this gives a 10:1
foldback current range.
1000
100
10
1
0.1
0.1
1
10
100
1000
VDS (V)
MAX 200W
POWER
DISSIPATION
60V × 3.33A = 200W
20V × 10A = 200W
1µs
10µs
100µs
1ms
10ms
DC
Figure 49. FET SOA
3,4
1,2
CURRENT LIMIT ADJUSTING
VIN
IIN
VDS
200W CONSTANT POWER
GATE
M1
Figure 50. 200 W Constant Power Scope Plot, CH1 = VIN; CH2 = VDS;
CH3 = GATE; CH4 = System Current; M1 = FET Power
TIMER
The TIMER pin handles several timing functions with an
external capacitor, CTIMER. There are two comparator thresholds:
VTIMERH (1.0 V) and VTIMERL (0.05 V). The four timing current
sources are a 3 μA pull-up, a 60 μA pull-up, a 2 μA pull-down,
and a 100 μA pull-down.
These current and voltage levels, together with the value of
CTIMER chosen by the user, determine the initial timing cycle
time, the fault current limit time, and the hot swap retry duty
cycle. The TIMER capacitor value is determined using the
following equation:
CTIMER = (tON × 60 μA)/VTIMERH
where
tON is the time that the FET is allowed to spend in
regulation. The choice of CTIMER is based on matching this time
with the SOA requirements of the FET. Foldback can be used
here to simplify selection.
When VIN is connected to the backplane supply, the internal
supply of the ADM1075 must be charged up. A very short time
later when the internal supply is fully up and above the undervolt-
age lockout voltage (UVLO), the device comes out of reset.
During this first short reset period, the GATE and TIMER pins
are both held low. The ADM1075 then goes through an initial



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com