Electronic Components Datasheet Search
  English  ▼

X  

ADP222 Datasheet(PDF) 1 Page - Analog Devices

Part # ADP222
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP222 Datasheet(HTML) 1 Page - Analog Devices

  ADP222 Datasheet HTML 1Page - Analog Devices ADP222 Datasheet HTML 2Page - Analog Devices ADP222 Datasheet HTML 3Page - Analog Devices ADP222 Datasheet HTML 4Page - Analog Devices ADP222 Datasheet HTML 5Page - Analog Devices ADP222 Datasheet HTML 6Page - Analog Devices ADP222 Datasheet HTML 7Page - Analog Devices ADP222 Datasheet HTML 8Page - Analog Devices ADP222 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Dual, 300 mA Output, Low Noise,
High PSRR Voltage Regulators
Data Sheet
ADP222/ADP223/ADP224/ADP225
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011 Analog Devices, Inc. All rights reserved.
FEATURES
Input voltage range: 2.5 V to 5.5 V
Small, 8-lead, 2 mm × 2 mm LFCSP package
Initial accuracy: ±1%
High PSRR: 70 dB at 10 kHz, 60 dB at 100 kHz, 40 dB at 1 MHz
Low noise: 27 µV rms at VOUT = 1.2 V, 50 µV rms at VOUT = 2.8 V
Excellent transient response
Low dropout voltage: 170 mV at 300 mA load
65 µA typical ground current at no load, both LDOs enabled
Fixed output voltage from 0.8 V to 3.3 V (ADP222/ADP224)
Adjustable output voltage range from 0.5 V to 5.0 V
(ADP223/ADP225)
Quick output discharge (QOD)—ADP224/ADP225
Overcurrent and thermal protection
APPLICATIONS
Portable and battery-powered equipment
Portable medical devices
Post dc-to-dc regulation
Point of sale terminals
Credit card readers
Automatic meter readers
Wireless network equipment
TYPICAL APPLICATION CIRCUITS
EN1
VOUT1
VIN
EN2
GND
6
4
3
2
ADJ2
VOUT2
1
8
5
7
ADJ1
ADP223/
ADP225
R1
R4
R2
ON
OFF
ON
OFF
VIN = 4.2V
+ C1
1µF
+ C3
1µF
+ C2
1µF
VOUT1 = 2.8V
VOUT2 = 2.0V
R3
Figure 1. ADP223/ADP225
EN1
VOUT1
VIN
EN2
GND
6
4
3
2
SENSE2
VOUT2
1
8
5
7
SENSE1
ADP222/
ADP224
ON
OFF
ON
OFF
VIN = 4.2V
+ C1
1µF
+ C3
1µF
+ C2
1µF
VOUT2 = 3.3V
VOUT1 = 1.5V
Figure 2. ADP222/ADP224
GENERAL DESCRIPTION
The 300 mA, adjustable dual output ADP223/ADP225 and
fixed dual output ADP222/ADP224 combine high PSRR, low
noise, low quiescent current, and low dropout voltage in a
voltage regulator that is ideally suited for wireless applications
with demanding performance and board space requirements.
The ADP222/ADP224 are available with fixed outputs voltages
from 0.8V to 3.3V. The adjustable output ADP223/ADP225 may
be set to output voltages from 0.5 V to 5.0 V. The low quiescent
current, low dropout voltage, and wide input voltage range of
the ADP222/ADP223/ADP224/ADP225 extend the battery life
of portable devices.
The ADP222/ADP223/ADP224/ADP225 maintain power
supply rejection greater than 60 dB for frequencies as high as
100 kHz while operating with a low headroom voltage. The
ADP222/ADP223/ADP224/ADP225 offer much lower noise
performance than competing LDOs without the need for a
noise bypass capacitor. Overcurrent and thermal protection
circuitry prevent damage in adverse conditions.
The ADP224 and ADP225 are identical to the ADP222 and
ADP223, respectively, but with the addition of a quick output
discharge (QOD) feature.
The ADP222/ADP223/ADP224/ADP225 are available in a
small 8-lead, 2 mm × 2 mm LFCSP package and are stable with
tiny 1 µF, ±30% ceramic output capacitors, resulting in the smallest
possible board area for a wide variety of portable power needs.


Similar Part No. - ADP222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP220 AD-ADP220 Datasheet
586Kb / 20P
Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. H
ADP220-2828-EVALZ AD-ADP220-2828-EVALZ Datasheet
586Kb / 20P
Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. H
ADP220ACBZ-1118R7 AD-ADP220ACBZ-1118R7 Datasheet
586Kb / 20P
Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. H
ADP220ACBZ-1212R7 AD-ADP220ACBZ-1212R7 Datasheet
586Kb / 20P
Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. H
ADP220ACBZ-1812R7 AD-ADP220ACBZ-1812R7 Datasheet
586Kb / 20P
Dual, 200 mA, Low Noise, High PSRR Voltage Regulator
Rev. H
More results

Similar Description - ADP222

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP2860 ONSEMI-NCP2860 Datasheet
119Kb / 12P
300 mA Very Low Noise, Low Dropout Linear Regulator
October, 2002 - Rev. 6
NCP2860 ONSEMI-NCP2860_06 Datasheet
117Kb / 9P
300 mA Very Low Noise, Low Dropout Linear Regulator
April, 2006 ??Rev. 8
logo
NXP Semiconductors
LD6836 NXP-LD6836 Datasheet
589Kb / 28P
Ultra low dropout regulators, low noise, 300 mA
Rev. 2-5 October 2012
logo
ON Semiconductor
NCP2860DMADJR2G ONSEMI-NCP2860DMADJR2G Datasheet
210Kb / 11P
300 mA Very Low Noise, Low Dropout Linear Regulator
July, 2010 ??Rev. 12
logo
Texas Instruments
LP5910 TI1-LP5910_17 Datasheet
1Mb / 29P
300-mA Low-Noise, Low-IQ LDO
LP5910_017 TI1-LP5910_017 Datasheet
1Mb / 34P
300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V01 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI1-LP5910_V02 Datasheet
1Mb / 35P
LP5910 300-mA Low-Noise, Low-IQ LDO
LP5910 TI-LP5910_V03 Datasheet
2Mb / 31P
LP5910 300-mA Low-Noise, Low-IQ LDO
logo
Microchip Technology
MIC5396 MICROCHIP-MIC5396 Datasheet
3Mb / 26P
Low-Power Dual 300 mA LDO
Rev. C .April 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com