Electronic Components Datasheet Search
  English  ▼

X  

ADP222 Datasheet(PDF) 14 Page - Analog Devices

Part # ADP222
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP222 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADP222 Datasheet HTML 10Page - Analog Devices ADP222 Datasheet HTML 11Page - Analog Devices ADP222 Datasheet HTML 12Page - Analog Devices ADP222 Datasheet HTML 13Page - Analog Devices ADP222 Datasheet HTML 14Page - Analog Devices ADP222 Datasheet HTML 15Page - Analog Devices ADP222 Datasheet HTML 16Page - Analog Devices ADP222 Datasheet HTML 17Page - Analog Devices ADP222 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
ADP222/ADP223/ADP224/ADP225
Data Sheet
Rev. B | Page 14 of 24
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
VRIPPLE = 50mV
VIN = 4.3V
VOUT = 3.3V
COUT = 1µF
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
Figure 47. Power Supply Rejection Ratio vs. Frequency,
VIN = 4.3, V VOUTx = 3.3 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
VRIPPLE = 50mV
VIN = 3.8V
VOUT = 2.8V
COUT = 1µF
Figure 48. Power Supply Rejection Ratio vs. Frequency,
VIN = 3.8 V, VOUTx = 2.8 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
VRIPPLE = 50mV
VIN = 2.8V
VOUT = 1.8V
COUT = 1µF
Figure 49. Power Supply Rejection Ratio vs. Frequency,
VIN = 2.8 V, VOUTx = 1.8 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
VRIPPLE = 50mV
VIN = 2.5V
VOUT = 1.2V
COUT = 1µF
Figure 50. Power Supply Rejection Ratio vs. Frequency,
VIN = 2.5 V, VOUTx = 1.2 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
VRIPPLE = 50mV
VIN = 3.8V
VOUT = 3.3V
COUT = 1µF
Figure 51. Power Supply Rejection Ratio vs. Frequency,
VIN = 3.8 V, VOUTx = 3.3 V
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
LOAD = 1mA
LOAD = 10mA
LOAD = 100mA
LOAD = 300mA
VRIPPLE = 50mV
VIN = 3.3V
VOUT = 2.8V
COUT = 1µF
Figure 52. Power Supply Rejection Ratio vs. Frequency,
VIN = 3.3 V, VOUTx = 2.8 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com