Electronic Components Datasheet Search
  English  ▼

X  

ADP222 Datasheet(PDF) 12 Page - Analog Devices

Part # ADP222
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP222 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADP222 Datasheet HTML 8Page - Analog Devices ADP222 Datasheet HTML 9Page - Analog Devices ADP222 Datasheet HTML 10Page - Analog Devices ADP222 Datasheet HTML 11Page - Analog Devices ADP222 Datasheet HTML 12Page - Analog Devices ADP222 Datasheet HTML 13Page - Analog Devices ADP222 Datasheet HTML 14Page - Analog Devices ADP222 Datasheet HTML 15Page - Analog Devices ADP222 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
ADP222/ADP223/ADP224/ADP225
Data Sheet
Rev. B | Page 12 of 24
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
0
50
100
150
200
250
300
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 300mA
Figure 35. Ground Current vs. Junction Temperature, Single Output,
Includes 100 µA for Output Divider, ADP223/ADP225
0
50
100
150
200
250
300
350
400
450
500
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 300mA
–40
–5
25
85
125
JUNCTION TEMPERATURE (°C)
Figure 36. Ground Current vs. Junction Temperature, Dual Output, Includes
200 µA for Output Dividers, ADP223/ADP225
0
50
100
150
200
250
0.01
0.1
1
10
100
1000
ILOAD (mA)
Figure 37. Ground Current vs. Load Current, Single Output,
Includes 100 µA for Output Divider, ADP223/ADP225
0
100
200
300
400
500
50
150
250
350
450
0.01
0.1
1
10
100
1000
ILOAD (mA)
Figure 38. Ground Current vs. Load Current, Dual Output, Includes 200 µA for
Output Dividers, ADP223/ADP225
0
50
100
150
200
250
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 100mA
LOAD = 300mA
Figure 39. Ground Current vs. Input Voltage, VOUTx = 1.2 V, Single Output,
Includes 100 µA for Output Divider, ADP223/ADP225
0
50
100
150
200
250
300
350
400
450
2.3
2.7
3.1
3.5
3.9
4.3
4.7
5.1
5.5
VIN (V)
LOAD = 100µA
LOAD = 1mA
LOAD = 10mA
LOAD = 50mA
LOAD = 200mA
LOAD = 300mA
Figure 40. Ground Current vs. Input Voltage, VOUTx = 1.2 V and 1.8 V,
Dual Output, Includes 200 µA for Output Dividers, ADP223/ADP225



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com