Electronic Components Datasheet Search
  English  ▼

X  

ADP222 Datasheet(PDF) 16 Page - Analog Devices

Part # ADP222
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP222 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADP222 Datasheet HTML 12Page - Analog Devices ADP222 Datasheet HTML 13Page - Analog Devices ADP222 Datasheet HTML 14Page - Analog Devices ADP222 Datasheet HTML 15Page - Analog Devices ADP222 Datasheet HTML 16Page - Analog Devices ADP222 Datasheet HTML 17Page - Analog Devices ADP222 Datasheet HTML 18Page - Analog Devices ADP222 Datasheet HTML 19Page - Analog Devices ADP222 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ADP222/ADP223/ADP224/ADP225
Data Sheet
Rev. B | Page 16 of 24
CH2 50mV
CH1 200mA
Ω
CH3 10.0mV
B
W
B
W
M10µs A CH1
200mA
1
3
2
T 10.20%
B
W
LOAD CURRENT
ON VOUT1
VOUT2
VOUT1
Figure 59. Transient Load Response, VOUTx = 1.2 V, ILOAD = 1 mA to 300 mA;
VOUTx = 1.8 V, ILOAD = 1 mA
0
10
20
30
40
50
60
70
0.001
0.01
0.1
1
10
100
1000
ILOAD (mA)
1.2V
1.8V
2.8V
3.3V
Figure 60. RMS Output Noise vs. Load Current and Output Voltage,
VIN = 5 V, COUT = 1 µF
0.01
0.1
1
10
10
100
1k
10k
100k
FREQUENCY (Hz)
1.2V
1.8V
2.8V
3.3V
Figure 61. Output Noise Spectral Density, VIN = 5 V, ILOAD = 10 mA, COUT = 1 μF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com