Electronic Components Datasheet Search
  English  ▼

X  

ADP222 Datasheet(PDF) 20 Page - Analog Devices

Part # ADP222
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP222 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADP222 Datasheet HTML 16Page - Analog Devices ADP222 Datasheet HTML 17Page - Analog Devices ADP222 Datasheet HTML 18Page - Analog Devices ADP222 Datasheet HTML 19Page - Analog Devices ADP222 Datasheet HTML 20Page - Analog Devices ADP222 Datasheet HTML 21Page - Analog Devices ADP222 Datasheet HTML 22Page - Analog Devices ADP222 Datasheet HTML 23Page - Analog Devices ADP222 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
ADP222/ADP223/ADP224/ADP225
Data Sheet
Rev. B | Page 20 of 24
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
2000
4000
6000
8000
10000
TIME (µs)
ENABLE
VOUT, NO QOD
VOUT, WITH QOD
Figure 71. Typical Turn-Off Time with and Without QOD Function
CURRENT LIMIT AND THERMAL OVERLOAD
PROTECTION
The ADP222/ADP223/ADP224/ADP225 are protected against
damage due to excessive power dissipation by current and
thermal overload protection circuits. The ADP222/ADP223/
ADP224/ADP225 are designed to current limit when the output
load reaches 300 mA (typical). When the output load exceeds
300 mA, the output voltage is reduced to maintain a constant
current limit.
Thermal overload protection is included, which limits the
junction temperature to a maximum of 155°C (typical). Under
extreme conditions (that is, high ambient temperature and
power dissipation) when the junction temperature starts to rise
above 155°C, the output is turned off, reducing the output current
to 0. When the junction temperature drops below 140°C, the
output is turned on again, and output current is restored to its
nominal value.
Consider the case where a hard short from VOUTx to ground
occurs. At first, the ADP222/ADP223/ADP224/ADP225 cur-
rent limits, so that only 300 mA is conducted into the short. If
self-heating of the junction is great enough to cause its tempera-
ture to rise above 155°C, thermal shutdown activates, turning
off the output and reducing the output current to 0 mA. As the
junction temperature cools and drops below 135°C, the output
turns on and conducts 300 mA into the short, again causing the
junction temperature to rise above 155°C. This thermal oscilla-
tion between 140°C and 155°C causes a current oscillation
between 300 mA and 0 mA that continues as long as the short
remains at the output.
Current and thermal limit protections are intended to protect
the device against accidental overload conditions. For reliable
operation, device power dissipation must be externally limited
so that junction temperatures do not exceed 125°C.
THERMAL CONSIDERATIONS
In most applications, the ADP222/ADP223/ADP224/ADP225
do not dissipate much heat due to its high efficiency. However,
in applications with high ambient temperature, and high supply
voltage to output voltage differential, the heat dissipated in
the package is large enough that it can cause the junction
temperature of the die to exceed the maximum junction
temperature of 125°C.
When the junction temperature exceeds 155°C, the converter
enters thermal shutdown. It recovers only after the junction
temperature has decreased below 140°C to prevent any permanent
damage. Therefore, thermal analysis for the chosen application
is very important to guarantee reliable performance over all
conditions. The junction temperature of the die is the sum of
the ambient temperature of the environment and the temperature
rise of the package due to the power dissipation, as shown in
Equation 2.
To guarantee reliable operation, the junction temperature of
the ADP222/ADP223/ADP224/ADP225 must not exceed
125°C. To ensure that the junction temperature stays below this
maximum value, the user must be aware of the parameters that
contribute to junction temperature changes. These parameters
include ambient temperature, power dissipation in the power
device, and thermal resistances between the junction and ambient
air (θJA). The θJA number is dependent on the package assembly
compounds that are used and the amount of copper used to
solder the package GND pin to the PCB.
Table 6 shows typical θJA values of the 8-lead LFCSP package for
various PCB copper sizes, and Table 7 shows the typical ΨJB value
of the 8-lead LFCSP.
Table 6. Typical θJA Values
Copper Size (mm2)
θJA (°C/W)
251
175.1
100
135.6
500
77.3
1000
65.2
6400
51
1
Device soldered to minimum size pin traces.
Table 7. Typical ΨJB Value
Model
ΨJB (°C/W)
8-Lead LFCSP
18.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com