Electronic Components Datasheet Search
  English  ▼

X  

ADP222 Datasheet(PDF) 3 Page - Analog Devices

Part # ADP222
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP222 Datasheet(HTML) 3 Page - Analog Devices

  ADP222 Datasheet HTML 1Page - Analog Devices ADP222 Datasheet HTML 2Page - Analog Devices ADP222 Datasheet HTML 3Page - Analog Devices ADP222 Datasheet HTML 4Page - Analog Devices ADP222 Datasheet HTML 5Page - Analog Devices ADP222 Datasheet HTML 6Page - Analog Devices ADP222 Datasheet HTML 7Page - Analog Devices ADP222 Datasheet HTML 8Page - Analog Devices ADP222 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
ADP222/ADP223/ADP224/ADP225
Rev. B | Page 3 of 24
SPECIFICATIONS
VIN = (VOUT + 0.5 V) or 2.5 V (whichever is greater), EN1 = EN2 = VIN, IOUT1 = IOUT2 = 10 mA, CIN = COUT1 = COUT2 = 1 µF, TA = 25°C,
unless otherwise noted.
Table 1.
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
INPUT VOLTAGE RANGE
VIN
TJ = −40°C to +125°C
2.5
5.5
V
OPERATING SUPPLY CURRENT
WITH BOTH REGULATORS ON
IGND
IOUT = 0 µA
65
µA
IOUT = 0 µA, TJ = −40°C to +125°C
150
µA
IOUT = 10 mA
100
µA
IOUT = 10 mA, TJ = −40°C to +125°C
200
µA
IOUT = 300 mA
300
µA
IOUT = 300 mA, TJ = −40°C to +125°C
450
µA
SHUTDOWN CURRENT
IGND-SD
EN1 = EN2 = GND
0.2
2
µA
OUTPUT VOLTAGE ACCURACY1
VOUT
TJ = −40°C to +125°C
IOUT = 10 mA
−1
+1
%
0 µA < IOUT < 300 mA, VIN = (VOUT + 0.5 V) to 5.5 V
−2
+2
%
ADJUSTABLE-OUTPUT VOLTAGE
ACCURACY1
VADJ
TJ = −40°C to +125°C
IOUT = 10 mA
0.495
0.500
0.505
V
0 µA < IOUT < 300 mA, VIN = (VOUT + 0.5 V) to 5.5 V
0.490
0.510
V
LINE REGULATION
ΔVOUT/ΔVIN
VIN = (VOUT + 0.5 V) to 5.5 V
0.01
%/V
VIN = (VOUT + 0.5 V) to 5.5 V, TJ = −40°C to +125°C
−0.05
+0.05
%/V
LOAD REGULATION2
ΔVOUT/ΔIOUT
IOUT = 1 mA to 300 mA
0.001
%/mA
IOUT = 1 mA to 300 mA, TJ = −40°C to +125°C
0.002
%/mA
DROPOUT VOLTAGE3
VDROPOUT
VOUT = 3.3 V
IOUT = 10 mA
6
mV
IOUT = 10 mA, TJ = −40°C to +125°C
9
mV
IOUT = 300 mA
170
mV
IOUT = 300 mA, TJ = −40°C to +125°C A
260
mV
SENSE INPUT BIAS CURRENT
SENSEI-BIAS
2.5 V ≤ VIN ≤ 5.5 V, SENSEx connected to VOUTx
10
nA
ADJx INPUT BIAS CURRENT
ADJI-BIAS
2.5 V ≤ VIN ≤ 5.5 V, ADJx connected to VOUTx
10
nA
START-UP TIME4
tSTART-UP
VOUT = 3.3 V
240
µs
VOUT = 0.8 V
100
µs
CURRENT-LIMIT THRESHOLD5
ILIMIT
340
400
mA
THERMAL SHUTDOWN
Thermal Shutdown Threshold
TSSD
TJ rising
155
°C
Thermal Shutdown Hysteresis
TSSD-HYS
15
°C
EN INPUT
EN Input Logic High
VIH
2.5 V ≤ VIN ≤ 5.5 V
1.2
V
EN Input Logic Low
VIL
2.5 V ≤ VIN ≤ 5.5 V
0.4
V
EN Input Leakage Current
VI-LEAKAGE
EN1 = EN2 = VIN or GND
0.1
µA
EN1 = EN2 = VIN or GND, TJ = −40°C to +125°C
1
µA
UNDERVOLTAGE LOCKOUT
UVLO
Input Voltage Rising
UVLORISE
2.45
V
Input Voltage Falling
UVLOFALL
2.2
V
Hysteresis
UVLOHYS
120
mV
OUTPUT DISCHARGE TIME
tDIS
VOUT = 2.8 V
1000
µs
OUTPUT DISCHARGE RESISTANCE
RQOD
140
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com