Electronic Components Datasheet Search
  English  ▼

X  

ADP222 Datasheet(PDF) 23 Page - Analog Devices

Part # ADP222
Description  Dual, 300 mA Output, Low Noise
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP222 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADP222 Datasheet HTML 16Page - Analog Devices ADP222 Datasheet HTML 17Page - Analog Devices ADP222 Datasheet HTML 18Page - Analog Devices ADP222 Datasheet HTML 19Page - Analog Devices ADP222 Datasheet HTML 20Page - Analog Devices ADP222 Datasheet HTML 21Page - Analog Devices ADP222 Datasheet HTML 22Page - Analog Devices ADP222 Datasheet HTML 23Page - Analog Devices ADP222 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Data Sheet
ADP222/ADP223/ADP224/ADP225
Rev. B | Page 23 of 24
OUTLINE DIMENSIONS
1.70
1.60
1.50
0.425
0.350
0.275
TOP VIEW
8
1
5
4
0.30
0.25
0.20
BOTTOM VIEW
PIN 1 INDEX
AREA
2.00
BSC SQ
SEATING
PLANE
0.60
0.55
0.50
1.10
1.00
0.90
0.20 REF
0.175 REF
0.05 MAX
0.02 NOM
0.50 BSC
EXPOSED
PAD
PIN 1
INDICATOR
(R 0.15)
FOR PROPER CONNECTION OF
THE EXPOSED PAD, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
Figure 77. 8-Lead Lead Frame Chip Scale Package [LFCSP_UD]
2.00 mm × 2.00 mm Body, Ultra Thin, Dual Lead
(CP-8-10)
Dimensions shown in millimeters
ORDERING GUIDE
Output Voltage (V)
Model1
Temperature Range
VOUT1
VOUT2
Package Description
Package Option
Branding
ADP222ACPZ-1218-R7
−40°C to +125°C
1.2
1.8
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
L16
ADP222ACPZ-1228-R7
−40°C to +125°C
1.2
2.8
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
L17
ADP222ACPZ-1233-R7
−40°C to +125°C
1.2
3.3
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
L18
ADP222ACPZ-1528-R7
−40°C to +125°C
1.5
2.8
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LKR
ADP222ACPZ-1533-R7
−40°C to +125°C
1.5
3.3
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LKS
ADP222ACPZ-1815-R7
−40°C to +125°C
1.8
1.5
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LL0
ADP222ACPZ-1825-R7
−40°C to +125°C
1.8
2.5
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LL1
ADP222ACPZ-1827-R7
−40°C to +125°C
1.8
2.7
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
L3A
ADP222ACPZ-1833-R7
−40°C to +125°C
1.8
3.3
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LL2
ADP222ACPZ-2818-R7
−40°C to +125°C
2.8
1.8
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LL3
ADP222ACPZ-2827-R7
−40°C to +125°C
2.8
2.7
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LJE
ADP222ACPZ-3325-R7
−40°C to +125°C
3.3
2.5
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LKV
ADP222ACPZ-3328-R7
−40°C to +125°C
3.3
2.8
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LKW
ADP222ACPZ-3330-R7
−40°C to +125°C
3.3
3.0
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LKX
ADP224ACPZ-2818-R7
−40°C to +125°C
2.8
1.8
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LKP
ADP225ACPZ-R7
−40°C to +125°C
Adjustable
Adjustable
8-Lead Lead Frame Chip Scale
Package [LFCSP_UD]
CP-8-10
LKQ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com