Electronic Components Datasheet Search
  English  ▼

X  

LTM9002 Datasheet(PDF) 9 Page - Linear Technology

Part # LTM9002
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 5Page - Linear Technology LTM9002 Datasheet HTML 6Page - Linear Technology LTM9002 Datasheet HTML 7Page - Linear Technology LTM9002 Datasheet HTML 8Page - Linear Technology LTM9002 Datasheet HTML 9Page - Linear Technology LTM9002 Datasheet HTML 10Page - Linear Technology LTM9002 Datasheet HTML 11Page - Linear Technology LTM9002 Datasheet HTML 12Page - Linear Technology LTM9002 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
9
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
TYPICAL PERFORMANCE CHARACTERISTICS
LTC2156-14: SNR vs Input Frequency,
–1dBFS, 210Msps
LTC2156-14: SFDR vs Input
Frequency, –1dBFS, 210Msps
LTC2156-14: SNR vs Input Level,
fIN = 70MHz, 210Msps
LTC2156-14: SFDR vs Input Level,
fIN = 71MHz, 210Msps
LTC2156-14: 32K Point FFT,
fIN = 907MHz, –1dBFS, 210Msps
LTC2156-14: 32K Point 2-Tone FFT,
fIN = 70.5MHz and 69.5MHz,
210Msps
LTC2156-14: Shorted
Input Histogram
LTC2156-14: 32K Point FFT,
fIN = 571MHz, –1dBFS, 210Msps
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 G25
100
–20
FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 G26
100
–20
OUTPUT CODE
8196
0
1000
2000
3000
8198 8200 8202 8204
8208
8206
8210
4000
500
1500
2500
3500
8212
21576514 G27
INPUT FREQUENCY (MHz)
0
60
65
70
700
55
50
200
400
100
900
300
500
800
600
1000
45
40
75
21576514 G28
INPUT FREQUENCY (MHz)
0
50
70
90
700
30
20
200
400
100
900
300
500
800
600
1000
10
0
40
60
80
21576514 G29
AMPLITUDE (dBFS)
0
10
30
40
50
70
–50
–30
–20
20
60
–60
–40
–10
0
21576514 G30
dBc
dBFS
AMPLITUDE (dBFS)
0
20
60
80
100
–50
–30 –20
40
120
–70 –60
–80
–40
–10
0
21576514 G31
dBc
dBFS
INPUT FREQUENCY (MHz)
0
–120
–100
–80
–60
–40
0
20
40
60
80
21576514 G26a
100
–20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com