Electronic Components Datasheet Search
  English  ▼

X  

LTM9002 Datasheet(PDF) 31 Page - Linear Technology

Part # LTM9002
Description  Dual 14-Bit 250Msps
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM9002 Datasheet(HTML) 31 Page - Linear Technology

Back Button LTM9002 Datasheet HTML 26Page - Linear Technology LTM9002 Datasheet HTML 27Page - Linear Technology LTM9002 Datasheet HTML 28Page - Linear Technology LTM9002 Datasheet HTML 29Page - Linear Technology LTM9002 Datasheet HTML 30Page - Linear Technology LTM9002 Datasheet HTML 31Page - Linear Technology LTM9002 Datasheet HTML 32Page - Linear Technology LTM9002 Datasheet HTML 33Page - Linear Technology LTM9002 Datasheet HTML 34Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
31
21576514fa
LTC2157-14/
LTC2156-14/LTC2155-14
TYPICAL APPLICATIONS
LTC2157-14 Schematic
PAR/SER
SPI BUS
ENCODE CLOCK
DIGITAL
OUTPUTS
R33
LTC2157-14
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
VDD
VDD
GND
AINA
+
AINA
–
GND
SENSE
VREF
GND
VCM
GND
AINB
–
AINB
+
GND
VDD
VDD
VDD
VDD
OVDD
C13, 0.1μF
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
OGND
DA4_5+
DA4_5–
DA2_3+
DA2_3–
DA0_1+
DA0_1–
CLKOUT+
CLKOUT–
DB12_13+
DB12_13–
DB10_11+
DB10_11–
DB8_9+
DB8_9–
OGND
OVDD
R34
AINA
–
SENSE
AINA
+
C4
2.2μF
C12
0.1μF
C14
0.1μF
R8
C29, 0.1μF
R6
R7
AINB
–
AINB
+
C7
0.1μF
C78
0.1μF
C79
0.1μF
R56
21576514 TA09
R12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com